Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402HPH-R22XJLW Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402HPH-R22XJLW
Description  Chip Inductors - 0402HP Series (1005)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HPH-R22XJLW Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402HPH-R22XJLW Datasheet HTML 1Page - Coilcraft lnc. 0402HPH-R22XJLW Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
0402HP Series (1005)
Document 526-2
Document 526-2 Revised 12/17/12
Inductance2 Percent
Test freq
900 MHz
1.7 GHz
SRF typ5 DCR max6 Irms7
Part number1
(nH)
tolerance3
(MHz)
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0402HP-1N0XJL_
1.0
5
250
0.97
46
0.99
72
16.0
0.030
2300
0402HP-2N0XJL_
2.0
5
250
1.96
58
1.98
85
15.2
0.038
2100
0402HP-2N2XJL_
2.2
5
250
2.17
60
2.17
86
15.1
0.038
2100
0402HP-2N4X_L_
2.4
5,3,2
250
2.37
60
2.38
83
14.0
0.042
2000
0402HP-2N7X_L_
2.7
5,3,2
250
2.66
62
2.68
85
13.0
0.056
1500
0402HP-3N3X_L_
3.3
5,3,2
250
3.26
66
3.28
95
12.8
0.045
1700
0402HP-3N6X_L_
3.6
5,3,2
250
3.56
65
3.58
94
11.7
0.045
1700
0402HP-3N9X_L_
3.9
5,3,2
250
3.87
64
3.91
98
9.50
0.045
1700
0402HP-4N3X_L_
4.3
5,3,2
250
4.26
63
4.33
90
7.15
0.040
1600
0402HP-4N7X_L_
4.7
5,3,2
250
4.67
58
4.74
83
6.85
0.060
1500
0402HP-5N1X_L_
5.1
5,3,2
250
5.07
54
5.16
76
6.80
0.100
1200
0402HP-5N6X_L_
5.6
5,3,2
250
5.56
73
5.66
105
6.50
0.048
1600
0402HP-6N2X_L_
6.2
5,3,2
250
6.18
73
6.25
100
5.80
0.050
1600
0402HP-6N8X_L_
6.8
5,3,2
250
6.78
68
6.97
94
5.80
0.055
1500
0402HP-7N5X_L_
7.5
5,3,2
250
7.49
60
7.77
82
5.40
0.080
1400
0402HP-8N2X_L_
8.2
5,3,2
250
8.10
68
8.40
95
5.40
0.054
1500
0402HP-8N7X_L_
8.7
5,3,2
250
8.73
66
9.04
95
5.00
0.058
1500
0402HP-9N0X_L_
9.0
5,3,2
250
8.99
67
9.21
92
5.00
0.070
1400
0402HP-9N5X_L_
9.5
5,3,2
250
9.52
64
9.97
90
4.70
0.075
1400
0402HP-10NX_L_
10
5,3,2
250
9.98
62
10.4
90
4.70
0.085
1300
0402HP-11NX_L_
11
5,3,2
250
11.0
68
11.6
98
4.70
0.065
1400
0402HP-12NX_L_
12
5,3,2
250
12.0
66
12.6
100
4.40
0.070
1200
0402HP-13NX_L_
13
5,3,2
250
13.1
62
13.9
82
4.20
0.140
870
0402HP-15NX_L_
15
5,3,2
250
15.1
62
16.0
85
3.90
0.078
1100
0402HP-16NX_L_
16
5,3,2
250
16.2
57
17.3
77
3.70
0.130
850
0402HP-18NX_L_
18
5,3,2
250
18.2
58
19.5
74
3.55
0.120
900
0402HP-19NX_L_
19
5,3,2
250
19.2
61
20.7
88
3.50
0.145
850
0402HP-20NX_L_
20
5,3,2
250
20.3
58
22.0
76
3.50
0.155
780
0402HP-21NX_L_
21
5,3,2
250
21.3
48
23.2
62
1.70
0.460
450
0402HP-22NX_L_
22
5,3,2
250
22.3
60
24.4
74
3.30
0.160
800
0402HP-23NX_L_
23
5,3,2
250
23.3
60
25.5
77
3.30
0.160
800
0402HP-24NX_L_
24
5,3,2
250
24.5
55
27.1
71
3.15
0.170
700
0402HP-25NX_L_
25
5,3,2
250
25.5
57
28.3
73
3.15
0.250
700
0402HP-26NX_L_
26
5,3,2
250
26.6
56
29.3
74
3.15
0.275
700
0402HP-27NX_L_
27
5,3,2
250
27.3
62
29.5
86
3.20
0.330
450
0402HP-30NX_L_
30
5,3,2
250
30.8
61
35.0
87
2.90
0.330
450
0402HP-33NX_L_
33
5,3,2
250
34.0
61
38.3
80
2.80
0.330
490
0402HP-36NX_L_
36
5,3,2
250
37.1
59
42.2
76
2.80
0.360
480
0402HP-37NX_L_
37
5,3,2
250
38.2
57
44.0
72
2.70
0.480
470
0402HP-39NX_L_
39
5,3,2
250
40.5
56
47.0
84
2.60
0.430
450
0402HP-40NX_L_
40
5,3,2
250
41.3
56
47.4
75
2.60
0.430
450
0402HP-43NX_L_
43
5,3,2
250
45.0
52
54.1
68
2.50
0.520
450
0402HP-47NX_L_
47
5,3,2
250
49.0
48
58.9
62
2.40
0.580
420
0402HP-51NX_L_
51
5,3,2
250
49.1
52
58.8
59
2.30
0.700
360
0402HPH-56NX_L_
56
5,3,2
250
58.8
56
72.2
64
2.07
0.900
330
0402HPH-68NX_L_
68
5,3,2
250
72.2
56
91.4
64
1.84
1.00
320
0402HPH-82NX_L_
82
5,3,2
250
89.7
52
–
–
1.75
1.10
315
0402HPH-R10X_L_
100
5,3,2
250
–
–
–
–
1.58
1.20
310
0402HPH-R12X_L_
120
5,3,2
250
–
–
–
–
1.25
1.20
310
0402HPH-R15X_L_
150
5,3,2
100
–
–
–
–
1.14
2.0
240
0402HPH-R18X_L_
180
5,3,2
100
–
–
–
–
1.08
2.1
240
0402HPH-R22X_L_
220
5,3,2
100
–
–
–
–
0.96
3.1
160
1.Whenordering,specify
tolerance,termination andpackagingcodes:
0402HP-82NXJLW
Tolerance:
G =2% H =3% J =5%
(Tableshowsstocktolerancesinbold.)
Termination: L =RoHScompliantsilver-palladium-platinum-glassfrit.
E=Halogenfreecomponent.RoHScompliantsilver-
palladium-platinum-glassfritterminations.
Specialorder:
T =RoHStin-silver-copper(95.5/4/0.5)
or
S =non-RoHStin-lead(63/37).
Packaging: W= 7
″ machine-readyreel. EIA-481punchedpaper
tape(2000partsperfullreel).
Q = 7
″ machine-readyreel. EIA-481punchedpaper
tape(5000partsperfullreel).
U =Lessthanfullreel.Intape,butnotmachineready.
Tohavealeaderandtraileradded($25charge),
usecodeletterWinstead.
2. InductancemeasuredattestfrequencyusingaCoilcraftSMD-Ffixture
inanAgilent/HP4286impedanceanalyzerwithCoilcraft-providedcor-
relationpieces.
3. Tolerancesinboldarestockedforimmediateshipment.
4. QmeasuredusinganAgilent/HP4287AwithanAgilent/HP16197test
fixture.
5. SRFmeasuredusinganAgilent/HP8722ESnetworkanalyzeranda
CoilcraftSMD-Dtestfixture.
6. DCRmeasuredonamicro-ohmmeterandaCoilcraftCCF858test
fixture.
7. Currentthatcausesa15°Ctemperaturerisefrom25°Cambient.
8. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”beforesoldering.
Designer’s Kits C403AandBcontain20eachof5%values
Designer’s Kits C403A-2andB-2contain20eachof2%values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com