Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP84 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TP84
Description  78 and 88V Automotive Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP84 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP84 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP84 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automotive Accessories
TP81 and TP82 Insulation Piercing Clip Set
Banana jack accepts all DMM and banana
jack leads
Non-rotating banana jack prevents leads
from tangling, allowing you to tighten/loosen
clamp while still connected to the test lead
Available for 4 mm input, modular
connection with TP81 or available as a 2 mm
input to slip onto probe tips with the TP82
Tested to 60 V DC
TP84 Oxygen Sensor Insulation Piercing Clip
Banana jack accepts all DMM and
banana jack leads
Non-rotating banana jack prevents
leads from tangling, allowing you to
tighten/loosen clamp while still
connected to the test lead
Tested to 60 V DC
TP88 Rigid Back Probe Pin Set
Slides onto test probes measuring 2 mm
Tested to 60 V DC
Banana jack accepts all DMM and
banana jack leads
Tested to 60 V DC
Kit contains:
TP81 Insulation Piercing Clip Set
TL224 SuregripTM Silicone Test Lead
Set
TP220 SuregripTM Test Probe Set
AC220 SuregripTM Alligator Clip Set
AC285 SuregripTM Large Jaw
Alligator Clip Set
Soft Case
TLK282 SureGrip™ Deluxe Automotive Test Lead Kit
Kit contains:
TP81 Insulation Piercing Clip Set
TP40 Automotive Back Probe Pins (five)
TL224 SuregripTM Silicone Test Lead Set
TP220 SuregripTM Test Probe Set
AC220 SuregripTM Alligator Clip Set
AC285 SuregripTM Large Jaw Alligator
Clip Set
AC280 SuregripTM Hook Clip Set
Soft Case
Current Range: 2 to 600A DC or AC Peak
Basic Accuracy (DC to 400Hz):
+/- (2% of reading + 1A)
Output Signal: 100A range: 10mV/A
600A range: 1mV/A
Frequency Range: 40Hz to 400Hz
Working Voltage: 600V AC rms
Maximum Conductor Diameter: 34 mm
Provides RPM readings
Fluke Corporation
P.O. Box 9090
Everett, WA USA 98206
Fluke Europe B.V.
P.O. Box 1186
5602 BD Eindhoven
The Netherlands
For more information call:
In the U.S.A. (800) 443-5853
or Fax (425) 446 -5116
In Europe/M-East/Africa
+31 (0)40 2 675 200
or Fax +31 (0)40 2 675 222
In Canada (905) 890-7600
or Fax (905) 890-6866
From other countries
+1 (425) 446 -5500
or Fax +1 (425) 446 -5116
Visit us on the world wide web at:
http://www.fluke.com
Fluke (UK) Ltd.
52 Hurricane Way
Norwich
Norfolk
NR6 6JB
United Kingdom
Tel.: 0207 942 0700
Fax: 0207 942 0701
E-mail: industrial@uk.fluke.nl
Fluke. Keeping your world
up and running.
TLK281 SureGrip™ Automotive Test Lead Kit
RPM80 Inductive Pick-up
TP40 Automotive Back Probe Pins (five)
BP880 BNC to Female Double Stacking Banana Plug
BP881 BNC to Male Double Stacking Banana Plug
© Copyright 2004 Fluke Corporation.
All rights reserved.
Printed in the Netherlands 08/04
Data subject to alteration without notice.
Pub_ID: 10761-eng
BP880
Allows for hands-free testing in controlled
voltage environments 500 VRMS maximum
Banana plug is nickel-plated, beryllium
copper for low contact resistance
The BNC shell is plated for tarnish resistance
Operating temperature +50°C maximum
TL28A Automotive Test Lead Set
Flexible silicone insulated leads are heat and
cold resistant
Cat I 30 V, 10 A
90i-610s AC/DC Current Probe (600 A)
Compatible with all Fluke and most popular
DMMs
Digital pressure and vacuum measurements in a
single module
Transducer sealed in 316 stainless steel
compatible with variety of liquids and gases
Measures vacuum to 76 cm Hg
Display results in English (psig or Hg) or metric
(kPa or cm Hg) units
Measures pressure to 500 psig (3447 kPa)
PV350 Pressure Vacuum Module
BP881



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com