Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK281 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLK281
Description  78 and 88V Automotive Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLK281 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLK281 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLK281 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automotive Accessories
TP81 and TP82 Insulation Piercing Clip Set
• Banana jack accepts all DMM and banana
jack leads
• Non-rotating banana jack prevents leads
from tangling, allowing you to tighten/loosen
clamp while still connected to the test lead
• Available for 4 mm input, modular
connection with TP81 or available as a 2 mm
input to slip onto probe tips with the TP82
• Tested to 60 V DC
TP84 Oxygen Sensor Insulation Piercing Clip
• Banana jack accepts all DMM and
banana jack leads
• Non-rotating banana jack prevents
leads from tangling, allowing you to
tighten/loosen clamp while still
connected to the test lead
• Tested to 60 V DC
TP88 Rigid Back Probe Pin Set
• Slides onto test probes measuring 2 mm
• Tested to 60 V DC
• Banana jack accepts all DMM and
banana jack leads
• Tested to 60 V DC
Kit contains:
• TP81 Insulation Piercing Clip Set
• TL224 SuregripTM Silicone Test Lead
Set
• TP220 SuregripTM Test Probe Set
• AC220 SuregripTM Alligator Clip Set
• AC285 SuregripTM Large Jaw
Alligator Clip Set
• Soft Case
TLK282 SureGrip™ Deluxe Automotive Test Lead Kit
Kit contains:
• TP81 Insulation Piercing Clip Set
• TP40 Automotive Back Probe Pins (five)
• TL224 SuregripTM Silicone Test Lead Set
• TP220 SuregripTM Test Probe Set
• AC220 SuregripTM Alligator Clip Set
• AC285 SuregripTM Large Jaw Alligator
Clip Set
• AC280 SuregripTM Hook Clip Set
• Soft Case
• Current Range: 2 to 600A DC or AC Peak
• Basic Accuracy (DC to 400Hz):
+/- (2% of reading + 1A)
• Output Signal: 100A range: 10mV/A
600A range: 1mV/A
• Frequency Range: 40Hz to 400Hz
• Working Voltage: 600V AC rms
• Maximum Conductor Diameter: 34 mm
• Provides RPM readings
Fluke Corporation
P.O. Box 9090
Everett, WA USA 98206
Fluke Europe B.V.
P.O. Box 1186
5602 BD Eindhoven
The Netherlands
For more information call:
In the U.S.A. (800) 443-5853
or Fax (425) 446 -5116
In Europe/M-East/Africa
+31 (0)40 2 675 200
or Fax +31 (0)40 2 675 222
In Canada (905) 890-7600
or Fax (905) 890-6866
From other countries
+1 (425) 446 -5500
or Fax +1 (425) 446 -5116
Visit us on the world wide web at:
http://www.fluke.com
Fluke (UK) Ltd.
52 Hurricane Way
Norwich
Norfolk
NR6 6JB
United Kingdom
Tel.: 0207 942 0700
Fax: 0207 942 0701
E-mail: industrial@uk.fluke.nl
Fluke. Keeping your world
up and running.
TLK281 SureGrip™ Automotive Test Lead Kit
RPM80 Inductive Pick-up
TP40 Automotive Back Probe Pins (five)
BP880 BNC to Female Double Stacking Banana Plug
BP881 BNC to Male Double Stacking Banana Plug
© Copyright 2004 Fluke Corporation.
All rights reserved.
Printed in the Netherlands 08/04
Data subject to alteration without notice.
Pub_ID: 10761-eng
BP880
• Allows for hands-free testing in controlled
voltage environments 500 VRMS maximum
• Banana plug is nickel-plated, beryllium
copper for low contact resistance
• The BNC shell is plated for tarnish resistance
• Operating temperature +50°C maximum
TL28A Automotive Test Lead Set
• Flexible silicone insulated leads are heat and
cold resistant
• Cat I 30 V, 10 A
90i-610s AC/DC Current Probe (600 A)
• Compatible with all Fluke and most popular
DMMs
• Digital pressure and vacuum measurements in a
single module
• Transducer sealed in 316 stainless steel
compatible with variety of liquids and gases
• Measures vacuum to 76 cm Hg
• Display results in English (psig or Hg) or metric
(kPa or cm Hg) units
• Measures pressure to 500 psig (3447 kPa)
PV350 Pressure Vacuum Module
BP881



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com