Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1232REF Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS1232REF
Description  USER GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1232REF Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1232REF Datasheet HTML 11Page - Texas Instruments ADS1232REF Datasheet HTML 12Page - Texas Instruments ADS1232REF Datasheet HTML 13Page - Texas Instruments ADS1232REF Datasheet HTML 14Page - Texas Instruments ADS1232REF Datasheet HTML 15Page - Texas Instruments ADS1232REF Datasheet HTML 16Page - Texas Instruments ADS1232REF Datasheet HTML 17Page - Texas Instruments ADS1232REF Datasheet HTML 18Page - Texas Instruments ADS1232REF Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
Using the PC Software
DC analysis section: The results of RMS noise analysis, peak-to-peak analysis, and a running voltage
number are shown in this section. The number of analysis points and the reference voltage used for
voltage calculations are also adjustable here.
Recording section: This feature controls recording of data to a file.
Device control section: This section allows device parameters to be adjusted.
Status display: This display shows messages indicating the current state of the program.
Acquire button: This button starts and stops the running acquisition of data.
4.3
Starting the Program
When the program launches, a screen similar to that shown in Figure 6 appears. Immediately after launch,
the program searches all available serial ports for the board. To do this step, it opens every available
serial port in turn, testing it to see if there is an ADS1232REF connected. The program uses the first
ADS1232REF it finds.
Figure 6. ADS1232REF Software Display
Although this procedure is conceptually simple, it may not go as smoothly as expected. The following
process ensures that the board is found correctly. Note that Steps 1
–3 can be done in any order.
Step 1.
Apply power to the ADS1232REF.
Step 2.
Plug in the USB connector.
Step 3.
Start the program.
Step 4.
Watch the status display. It reads Scanning followed by the name of the serial port being
tested. When the board is found, the display reads Idle. Until a board is found, the display
cycles through every port, spending approximately one second on each port.
Once the board is detected, the program enters Idle mode and is ready for use.
NOTE:
If the board is never detected, it is still possible (and safe) to exit the program during the
search process. If the board does not respond, pressing the USB Reset switch (SW1) may
help.
15
SBAU120B
– November 2005 – Revised July 2011
ADS1232REF User
's Guide
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com