Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP80
Description  Industrial Test Leads, Probes & Clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP80 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP80 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TL27 Heavy Duty Test Lead Set
●
DMM test leads (red, black) with safety
shrouded, standard diameter
banana plugs
●
Heavy duty EPDM insulation
●
Length 1.5 m
●
CAT III 1000 V, 10 A rating.
UL listed
TL71 Premium Test Lead Set
●
One pair (red, black) comfort
grip probes with
silicone insulated,
right-angle test
leads
●
Recommended for µV
measurements
●
CAT IV 600 V, CAT III 1000 V,
10 A rating. UL listed
TL75 Hard Point™ Test Lead Set
●
One pair (red, black) comfort grip
probes with PVC insulated,
test leads with right-
angle shrouded
banana plugs
●
Recommended for
general purpose
measurements
●
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TL76 All-in-one Test Lead Set
●
One pair (red, black) 1.5 meter
long silicone test leads
with right angle
shrouded banana
plug
●
Lantern tip
(removable) for use with
European wall sockets
(4 mm Ø )
●
Lantern tip can be
removed for easy access
to terminal blocks
(2 mm Ø)
●
Removable, insulated IC caps allow probing
on closely spaced leads and compliance
with GS38.
●
Cat IV 600 V, CAT III 1000 V, 10 A rating, UL
listed
TL221 SureGrip™ Extension Lead Set
●
One pair (red, black) of silicone
insulated leads with straight
connectors on both ends
●
Reinforced strain relief
●
Includes one pair (red, black) of
female couplers
●
Extends test leads by 1.5 m
●
600 V CAT IV, 1000 V CAT III,
10 A rating. UL listed
TL222 SureGrip™
Silicone Test Lead Set
●
DMM test leads (red, black) with
safety shrouded, standard
diameter banana plugs
●
Right angle connector on both
ends
●
Reinforced strain relief
●
1.5 meter silicone-insulated wire
resists heat & cold
●
CAT IV 600 V, CAT III 1000 V, 10 A
rating. UL listed
TL224 SureGrip™ Silicone Test
Lead Set
●
DMM test leads (red, black) with
safety shrouded, standard
diameter banana plugs
●
Right angle connector on one end
and straight connector on the other
●
Reinforced strain relief
●
1.5 meter silicone-insulated wire
resists heat & cold
●
CAT IV 600 V, CAT III 1000 V, 10 A
rating. UL listed
TL220 SureGrip™ Industrial Test
Lead Kit
Handy all-in-one kit that includes :
●
AC220 SureGrip™ Alligator Clip Set
●
TP220 SureGrip™ Test Probe Set
●
TL222 SureGrip™ Silicone Test
Lead Set (right to right)
TL223 SureGrip™ Electrical Test
Lead Kit
Handy all-in-one kit that includes :
●
AC220 SureGrip™ Alligator Clip
Set
●
TP1 Slim-Reach™ Test
Probes (flat bladed)
●
TL224 SureGrip™ Silicone
Test Lead Set (straight to
right)
Industrial Test Leads,
Probes & Clips
Test Leads
Modular Test Leads
Kits
SureGrip™ accessories are designed
to improve steadiness in slippery
hands. Rubber overmolded surfaces
and finger-hugging curves give the
user a comfortable, reliable grip on
the accessory so they can focus on
making an accurate measurement.


Similar Part No. - TP80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP80 ETC2-TP80 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
36V/1.2A high dimming ratio LED driver
logo
Fuji Electric
TP801C04 FUJI-TP801C04 Datasheet
71Kb / 4P
SCHOTTKY BARRIER DIODE
TP801C06 FUJI-TP801C06 Datasheet
74Kb / 4P
SCHOTTKY BARRIER DIODE
logo
Shenzhen Tianyuan Semic...
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
Average Current Type LED Buck Constant Current Driver
More results

Similar Description - TP80

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
TEST JACKS, TEST PROBES
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
TEST JACKS, TEST PROBES
0040.1281 SCHURTER-0040.1281 Datasheet
27Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
logo
List of Unclassifed Man...
AC283 ETC2-AC283 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
501791 ETC2-501791 Datasheet
1Mb / 13P
TEST CLIPS INSULATORS
logo
M-System Co.,Ltd.
HCLLEAD MSYSTEM-HCLLEAD Datasheet
66Kb / 1P
TEST LEADS
logo
Fluke Corporation
TP175 FLUKE-TP175 Datasheet
52Kb / 1P
TP175 TwistGuard™ Test Probes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com