Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  USER GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 9Page - Texas Instruments MSP430F449IPZ Datasheet HTML 10Page - Texas Instruments MSP430F449IPZ Datasheet HTML 11Page - Texas Instruments MSP430F449IPZ Datasheet HTML 12Page - Texas Instruments MSP430F449IPZ Datasheet HTML 13Page - Texas Instruments MSP430F449IPZ Datasheet HTML 14Page - Texas Instruments MSP430F449IPZ Datasheet HTML 15Page - Texas Instruments MSP430F449IPZ Datasheet HTML 16Page - Texas Instruments MSP430F449IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
Analysis Mode
3.4
Configuration
To enter Configuration mode, press the PARM buttons simultaneously. The four buttons then assume the
functions shown in the CONFIG box. To exit Configuration mode, press the PARM buttons simultaneously
again. This operation does not cause parameters to be adjusted; only button releases are detected in
Configuration mode.
Configuration mode contains a number of adjustable parameters. To scroll through the available
parameters, use the VALUE buttons. To change the parameter values, use the PARM buttons.
Some items in Configuration mode are not parameters, but commands or gateways to a submenu. These
items are labelled as words with a question mark. To enter these items or to execute the command, press
either PARM button.
Although a few of the parameters in the Analysis and Scale configuration menus are the same, the
settings are kept separate between the modes. For example, input channel 1 can be selected in Scale
mode while input channel 2 is selected in Analysis mode. In this setup, when the ADS1232REF switches
from Scale to Analysis mode, the input channel becomes 2.
Table 5 summarizes the available parameters.
Table 5. Parameters in Analysis Mode
PARAMETER
DISPLAY
VALUE RANGE
DESCRIPTION
Averages
AVG=
2
–128
Number of points for average,
peak-to-peak, and RMS modes
Voltage Reference
VREF=
0.5
–5.0
Voltage used in various
calculations
Power-down mode
PDWN?
—
Power-down mode; see text
Offset calibration
OCAL?
—
Offset calibration; see text
Save parameters
SAVE?
—
Save parameters; see text
Version number
V1.1.0
—
Firmware version number display
3.4.1
Parameters
Averages: Number of points to use in Averaged, RMS noise, and Peak-Peak calculations. The choices
available are 2, 4, 8, 10, 16, 32, 50, 64, 100, and 128. The default setting is 50.
Voltage reference: To convert voltages to codes, the ADS1232REF requires the voltage reference level.
Since this level cannot be measured, it must be selected manually. This parameter allows the reference
level to be set.
Each digit of the voltage reference is selected and adjusted separately. Use the VALUE buttons to select
a digit, and the PARM buttons to adjust it. The selected digit flashes.
This parameter does not affect the actual voltage reference used. If it is incorrect, voltage calculations will
be wrong. The voltage reference is typically the +5V rail; the default value for this parameter is 5.0V.
Power-down mode: When either PARM button is pressed on this screen, the ADS1232REF causes the
ADS1232 to enter power-down mode. This action occurs by pulling the PDWN line low. While the PDWN
line is low, the display reads POWER DN. When a button is pressed from this display, the ADS1232REF
powers the converter on and returns to the analysis display, exiting configuration mode.
This mode can be used to test the current consumption of the board when the ADS1232 is powered down.
Offset calibration: When either PARM button is pressed on this screen, the ADS1232REF initiates a
hardware offset calibration on the ADS1232 by providing two extra shift clock cycles on the next data read
cycle, as described in the ADS1232 data sheet.
When either PARM button is pressed, the display briefly shows OK, indicating that calibration was
performed.
Offset calibration is performed when the ADS1232REF is powered on, but is not automatically performed
at any other time.
Version number: This screen displays the version number of the ADS1232REF firmware.
13
SBAU120B
– November 2005 – Revised July 2011
ADS1232REF User
's Guide
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com