Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708SANZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM708SANZ
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708SANZ Datasheet(HTML) 2 Page - Analog Devices

  ADM708SANZ Datasheet HTML 1Page - Analog Devices ADM708SANZ Datasheet HTML 2Page - Analog Devices ADM708SANZ Datasheet HTML 3Page - Analog Devices ADM708SANZ Datasheet HTML 4Page - Analog Devices ADM708SANZ Datasheet HTML 5Page - Analog Devices ADM708SANZ Datasheet HTML 6Page - Analog Devices ADM708SANZ Datasheet HTML 7Page - Analog Devices ADM708SANZ Datasheet HTML 8Page - Analog Devices ADM708SANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 8
Circuit Information ........................................................................ 10
Power-Fail Reset ......................................................................... 10
Manual Reset............................................................................... 10
Watchdog Timer (ADM706x) .................................................. 10
Power-Fail Comparator ............................................................. 11
Adding Hysteresis to the Power-Fail Comparator ................. 11
Valid RESET Below 1 V VCC ..................................................... 11
Applications Information .............................................................. 12
Monitoring Additional Supply Levels...................................... 12
Microprocessors with Bidirectional RESET ........................... 12
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 14
REVISION HISTORY
5/08—Rev. B to Rev. C
Changes to Applications Section .................................................... 1
Changes to Table 2............................................................................ 5
Changes to Table 3............................................................................ 6
Changes to Figure 8.......................................................................... 7
Changes to Figure 16........................................................................ 9
2/07—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to Table 1............................................................................ 3
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com