Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC600F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATC600F
Description  Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC600F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATC600F Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC600F Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC600F Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC600F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
600 F ESR vs Frequency
0.010
0.100
1.000
100
1000
10000
Frequency (MHz)
1.0 pF
3.3 pF
3.9 pF
10 pF
15 pF
47 pF
120 pF
180 pF
(Typical)
0
1
0
1
0
0
1
0
.
0
0
0
1
0
.
0
0
1
0
.
0
1
0
.
1
1
.
0
r
p
F
r
s
F
)
l
a
c
i
p
y
T
(
600 F Resonant Frequency Data
Capacitance (pF)
ATC 600F Series Data Sheet Test Condition Description
Capacitors horizontally mounted on 23.3-mil thick Rogers RO4350
® softboard, 52-mil wide, 1/2 oz. Cu traces.
FSR = lowest frequency at which S11 response, referenced at capacitor edge, crosses real axis on Smith Chart.
FPR = lowest frequency at which there is a notch in S21 magnitude response.
ATC 600F Series Ultra-Low ESR, High Q NPO RF & Microwave Capacitors
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com