Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATCHP1210 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCHP1210
Description  HIGH PERFORMANCE NPO CERAMIC MLCS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCHP1210 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCHP1210 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCHP1210 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ATC HP 1210 SERIES HIGH PERFORMANCE NPO CERAMIC MLCS
1
T(MAX.)
MB
L
W
ATC HP 1210 Series
High Performance
NPO Ceramic MLCs
Electrical Characteristics:
Capacitance Range:
1.0 pF to 1000 pF @ 1 MHz
Temperature Coeffiecent
0 ± 30 ppm/°C
of Capacitance:
(-55° to +125°C)
Insulation Resistance (IR)
1012
Ωmin.@25°C
and rated WVDC
1011
Ωmin.@125°C
and rated WVDC
Dielectric Working
Voltage (DWV):
250% of rated WVDC
Working Voltage (WVDC)
200, 100 WVDC
ATC offers the new HP Series high performance family
of MLC ceramic capacitors. Built in a rugged ceramic
SMT package, these products deliver high performance
at the right price. The HP series is available in four
popular EIA case sizes and is suitable for tuning, DC
blocking, coupling and bypassing over the full range
of wireless frequencies. All HP Series products are
RoHS compliant.
TYPICAL ESR vs. FREQUENCY
HP SERIES 1210
0.01
0.1
1
125
250
500
1000
2500
5000
MHz
100 pF
10 pF
1.2 pF
TYPICAL
SERIES RESONANT FREQUENCY
HP SERIES 1210
1210
10
1.0
0.1
1.0
10
100
1000
Capacitance (pF)
Case Size
1210
Length (L)
0.126 ±0.008 (3.2 ±0.2)
Width (W)
0.098 ±0.008 (2.49 ±0.2)
T Max.
0.050 ±0.005 (1.27 ±0.127)
Term. (MB) Max.
0.025 ±0.015 (0.635 ±0.381)
AMERICAN
TECHNICAL
CERAMICS
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com


Similar Part No. - ATCHP1210

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
ATCHP0402 QIMONDA-ATCHP0402 Datasheet
80Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
logo
List of Unclassifed Man...
ATCHP0603 ETC2-ATCHP0603 Datasheet
79Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP0805 ETC2-ATCHP0805 Datasheet
73Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
More results

Similar Description - ATCHP1210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0603N104 ETC1-0603N104 Datasheet
328Kb / 7P
Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
logo
Cornell Dubilier Electr...
M15G109D2-F CDE-M15G109D2-F Datasheet
298Kb / 5P
Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
Application Specific MLCs
06031C271KAZ2A AVX-06031C271KAZ2A Datasheet
6Mb / 135P
Application Specific MLCs
SQCAEM330JAJME AVX-SQCAEM330JAJME Datasheet
914Kb / 7P
Microwave MLCs
logo
List of Unclassifed Man...
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
Qimonda AG
ATCHP0402 QIMONDA-ATCHP0402 Datasheet
80Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
logo
List of Unclassifed Man...
ATCHP0603 ETC2-ATCHP0603 Datasheet
79Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP0805 ETC2-ATCHP0805 Datasheet
73Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
logo
RFE international
AD10CG104K500A RFE-AD10CG104K500A Datasheet
595Kb / 3P
MULTILAYER CERAMIC CAPACITOR AD Series (C0G/NPO): Axial Leaded
2022.05.31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com