Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP431AS89RGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SP431AS89RGB
Description  High Voltage Adjustable Precision Shunt Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP431AS89RGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SP431AS89RGB Datasheet HTML 1Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 2Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 3Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 4Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 5Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 6Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 7Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 8Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2013/03/13
Ver.4
Page 4
SP431
High Voltage Adjustable Precision Shunt Regulators
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise specified)
℃
Parameter
Symbol
Value
Unit
Cathode Voltage
VZ
37
V
Continuous Cathode Current
IZ
150
mA
Reference Current
IREF
10
mA
Operation Junction Temperature
Range
TJ
-40 ~ +150
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
Lead Temperature Range
(Soldering
10sec.)
TSOL
260
℃
Thermal Resistance
ӨJA
140
/W
℃
The IC has a protection circuit against static electricity. Do not apply high static electricity or high voltage that
exceeds the performance of the protection circuit to the IC.
ELECTRICAL CHARACTERISTICS
(TA=25℃ , Unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VREF
VZ = VREF
IZ = 10mA
SP431AS23RGB
SP431AS89RGB
SP431CAS23RGB
SP431AT92AGB
2.482
2.495
2.508
V
SP431BS23RGB
SP431BS89RGB
SP431CBS23RGB
SP431BT92AGB
2.47
2.495
2.52
Reference Voltage
VREF
VZ = VREF
IZ = 1mA
SP431AS23RGB
SP431AS89RGB
SP431CAS23RGB
SP431AT92AGB
2.482
2.495
2.508
V
SP431BS23RGB
SP431BS89RGB
SP431CBS23RGB
SP431BT92AGB
2.47
2.495
2.52
VREF Temp Deviation
VDEV
TA=-40
~+80
℃
℃
VZ = VREF , IZ = 10mA
10
25
mV
Ratio of change in VREF to change
in Cathode voltage
∆
VREF /
∆
VZ
IZ = 10mA
∆
VZ = 36V ~ VREF
-1.4
-2.7
mV / V
Reference Input
Current
IREF
R1=10KΩ , R2 = ∞ ,
IZ = 10mA
2
4
uA
IREF Temp Deviation
IREF(DEV)
TA=-40
~+80
℃
℃
R1=10KΩ , R2 = ∞ ,
IZ = 10mA
0.8
2.5
uA
Off state Cathode Current
IZ(OFF)
VREF = 0V
VZ
=
36V
0.1
0.5
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com