Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR01ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADR01ARZ
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR01ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR01ARZ Datasheet HTML 5Page - Analog Devices ADR01ARZ Datasheet HTML 6Page - Analog Devices ADR01ARZ Datasheet HTML 7Page - Analog Devices ADR01ARZ Datasheet HTML 8Page - Analog Devices ADR01ARZ Datasheet HTML 9Page - Analog Devices ADR01ARZ Datasheet HTML 10Page - Analog Devices ADR01ARZ Datasheet HTML 11Page - Analog Devices ADR01ARZ Datasheet HTML 12Page - Analog Devices ADR01ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADR01/ADR02/ADR03/ADR06
Rev. R | Page 9 of 20
TERMINOLOGY
Dropout Voltage (VDO)
Dropout voltage, sometimes referred to as supply voltage head-
room or supply output voltage differential, is defined as the
minimum voltage differential between the input and output
necessary for the device to operate, such as
VDO = (VIN – VOUT)min|IL = Constant
Because the dropout voltage depends upon the current passing
through the device, it is always specified for a given load current.
Temperature Coefficient (TCVO)
The temperature coefficient relates the change in output voltage
to the change in ambient temperature of the device, as normalized
by the output voltage at 25°C. This parameter is expressed in
ppm/°C and can be determined by the following equation:
(
)
[
]
C
ppm/
10
)
25
(
)
(
)
(
6
1
2
1
2
×
−
×
−
=
T
T
C
V
T
V
T
V
TCV
OUT
OUT
OUT
O
where:
VOUT(25°C) is the output voltage at 25°C.
VOUT(T1) is the output voltage at Temperature 1.
VOUT(T2) is the output voltage at Temperature 2.
Output Voltage Hysteresis (ΔVOUT_HYS)
Output voltage hysteresis represents the change in output
voltage after the device is exposed to a specified temperature
cycle. This may be expressed as either a shift in voltage or a
difference in parts per million from the nominal output as follows:
VOUT_HYS = VOUT(25°C) – VOUT_TC [V]
]
ppm
[
10
)
25
(
)
25
(
6
_
_
×
−
=
C
V
V
C
V
V
OUT
TC
OUT
OUT
HYS
OUT
where:
VOUT(25°C) is the output voltage at 25°C.
VOUT_TC is the output voltage after temperature cycling.
Thermal hysteresis occurs as a result of forces exhibited upon
the internal die by its packaging. The effect is more pronounced
in parts with smaller packages.
Long-Term Stability (ΔVOUT_LTD)
Long-term stability refers to the shift in output voltage at 25°C
after 1000 hours of operation in a 25°C environment. This may
also be expressed as either a shift in voltage or a difference in
parts per million from the nominal output as follows:
ΔVOUT_LTD = |VOUT(t1) – VOUT(t0)| [V]
]
ppm
[
10
)
(
)
(
)
(
Δ
6
0
0
1
_
×
−
=
t
V
t
V
t
V
V
OUT
OUT
OUT
LTD
OUT
where,
VOUT(t0) is the VOUT at 25°C at Time 0.
VOUT(t1) is the VOUT at 25°C after 1000 hours of operation at 25°C.
Line Regulation
Line regulation refers to the change in output voltage in
response to a given change in input voltage, and is expressed in
either percent per volt, parts per million per volt, or microvolt
per volt change in input voltage. This parameter accounts for
the effects of self-heating.
Load Regulation
Load regulation refers to the change in output voltage in
response to a given change in load current, and is expressed
in either microvolts per milliampere, parts per million per
milliampere, or ohms of dc output resistance. This parameter
accounts for the effects of self-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com