Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1C225M2ACB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CB1C225M2ACB
Description  Tantalum Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CB1C225M2ACB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CB1C225M2ACB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <6>
V1.1
06/09/12
CB Series
Tantalum Capacitor
Description
Part Number
Capacitor, 0.22µF, 35V
CB1V224M2ACB
Capacitor, 0.33µF, 35V
CB1V334M2ACB
Capacitor, 0.47µF, 35V
CB1V474M2ACB
Capacitor, 1µF, 35V
CB1V105M2ACB
Capacitor, 2.2µF, 35V
CB1V225M2BCB
Capacitor, 3.3µF, 35V
CB1V335M2BCB
Capacitor, 4.7µF, 35V
CB1V475M2CCB
Capacitor, 6.8µF, 35V
CB1V685M2DCB
Capacitor, 10µF, 35V
CB1V106M2DCB
Capacitor, 15µF, 35V
CB1V156M2ECB
Capacitor, 22µF, 35V
CB1V226M2ECB
Capacitor, 47µF, 35V
CB1V476M2FCB
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted 
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any 
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any  
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the 
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. 
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com