Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG1-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HG1-3
Description  HellermannTyton Product Safety Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HG1-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HG1-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HG1-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers HG1-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers HG1-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT NAME:
Helagrip and Ovalgrip Markers
PSDS-59 Issue 4
Page 2 of 2
Date: October 2011
6. ACCIDENTAL RELEASE MEASURES
Personal Precautions:
Not anticipated
Spill Response:
Not applicable
Methods for Disposal:
Dispose of waste product in a sanitary landfill.
7. HANDLING & STORAGE
1.1
HANDLING
Process Hazards
Avoid handling product when being recovered with heat gun or flame torch. Do not touch until allowed to
cool. Recover product in well-ventilated areas.
1.2
STORAGE
Store away from heat and direct sunlight, store below 40°C.
Shelf Life:
5 years under above conditions
8. EXPOSURE CONTROLS / PERSONAL PROTECTION
Occupational Exposure Limits
None associated.
Eye Protection:
Avoid eye contact with vapours or smoke resulting from over-heating or when
used in confined areas.
Hand Protection:
Avoid skin contact with hot material. Wear appropriate gloves to prevent
thermal burns.
Ingestion:
Wash hands after handling, and before eating.
Recommended Ventilation: Local exhaust is required for operations using large amounts of material.
Conduct air monitoring to determine adequacy of ventilation. Use in a well-
ventilated area. When using this product in a confined space or where
ventilation may be inadequate, then respiratory protection may be worn.
Inadequate ventilation or confined spaced would cause vapours from heating
of this product to be present in the user’s breathing zone and may cause
respiratory irritation. Excessive heating of this product may result in thermal
degradation and decomposition products, which may result in adverse health
effects.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com