Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN3402WS23RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN3402WS23RGB
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN3402WS23RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN3402WS23RGB Datasheet HTML 1Page - SYNC POWER Crop. SPN3402WS23RGB Datasheet HTML 2Page - SYNC POWER Crop. SPN3402WS23RGB Datasheet HTML 3Page - SYNC POWER Crop. SPN3402WS23RGB Datasheet HTML 4Page - SYNC POWER Crop. SPN3402WS23RGB Datasheet HTML 5Page - SYNC POWER Crop. SPN3402WS23RGB Datasheet HTML 6Page - SYNC POWER Crop. SPN3402WS23RGB Datasheet HTML 7Page - SYNC POWER Crop. SPN3402WS23RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2012/11/08
Ver.1
Page 1
SPN3402W
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN3402W is the N-Channel logic enhancement
mode power field effect transistors are produced using
high cell density , DMOS trench technology.
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application
such
as
cellular
phone
and
notebook
computer power management and other battery powered
circuits, and low in-line power loss are needed in a very
small outline surface mount package.
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION ( SOT-23 )
30V/2.8A,RDS(ON)=
58mΩ@VGS=10V
30V/2.3A,RDS(ON)=
65mΩ@VGS=4.5V
30V/1.5A,RDS(ON)= 105mΩ@VGS=2.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-23 package design
PART MARKING


Similar Part No. - SPN3402WS23RGB

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPN3402WS23RGB VBSEMI-SPN3402WS23RGB Datasheet
494Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPN3402WS23RGB

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com