Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF803D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RF803D
Description  Encoder // Decoder IIC?쇺?s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF803D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RF803D Datasheet HTML 1Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 2Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 3Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 4Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 5Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 6Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 7Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 8Page - List of Unclassifed Manufacturers RF803D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
D
DS
S8
80
03
3--7
7 A
Ap
prriill 0
04
4
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 4
4
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
E
En
nc
co
od
de
err // D
De
ec
co
od
de
err IIC
C’’s
s
R
RF
F8
80
03
3
Receiver Decoder RF803D
Functional Description
The RF803D is simple to use. As shown in the typical application circuits, in the stand alone
operation the RF803D has the capability to learn up to 15 unique RF803E transmitters.
RF806D
Vcc
GND
O/P 1
O/P 3
O/P 2
DATA IN
SERIAL DATA
LEARN
MOM/LATCH
STATUS LED
The RF803D is connected directly to the data output of a radio receiver module and upon detection
of a valid data packet it will decode the data stream. The RF803D will then assert its digital outputs
which will match the state of the RF803E encoders’ learnt at the time of transmission.
The digital outputs may be configured as latching or momentary action.
Latch = the output will change state on each successive transmit of the encoder.
Momentary = the output will only operate for as long as the RF803E encoder is transmitting.
The RF803D requires only the addition of the following components
1. A ‘Learn’ switch which is used in the process of learning a transmitter/encoder to the decoder
and also to initiate erasure of encoder information.
2. An LED which indicates the status of the learn process, the erase process and also data
reception status.
3. An Option link which configures the action of the digital outputs. This input may simply be tied
to Vcc or GND.
Compatibility with RF Solutions Transmitters:
The RF803 series are compatible with the FireFly/FireBlade series and 205 series of ready to
operate transmitter encoders (when using FM)
This enables a designer to integrate a remote control function into an application easily, by using a
ready made transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com