Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 36 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 36 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 32Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 33Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 34Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 35Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 36Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 37Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 38Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 39Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 34
© 2009 Microchip Technology Inc.
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in
word-addressable blocks. Although it is treated as
24 bits wide, it is more appropriate to think of each
address of the program memory as a lower and upper
word, with the upper byte of the upper word being
unimplemented. The lower word always has an even
address, while the upper word has an odd address
(Figure 4-2).
Program memory addresses are always word-aligned
on the lower word, and addresses are incremented or
decremented by two during code execution. This
arrangement also provides compatibility with data
memory space addressing and makes it possible to
access data in the program memory space.
4.1.2
INTERRUPT AND TRAP VECTORS
All dsPIC33FJXXXGPX06/X08/X10 devices reserve
the addresses between 0x00000 and 0x000200 for
hard-coded program execution vectors. A hardware
Reset vector is provided to redirect code execution
from the default value of the PC on device Reset to the
actual start of code. A GOTO instruction is programmed
by the user at 0x000000, with the actual address for the
start of code at 0x000002.
dsPIC33FJXXXGPX06/X08/X10 devices also have
two interrupt vector tables, located from 0x000004 to
0x0000FF and 0x000100 to 0x0001FF. These vector
tables allow each of the many device interrupt sources
to be handled by separate Interrupt Service Routines
(ISRs). A more detailed discussion of the interrupt
vector tables is provided in Section 7.1 “Interrupt
Vector Table”.
FIGURE 4-2:
PROGRAM MEMORY ORGANIZATION
0
8
16
PC Address
0x000000
0x000002
0x000004
0x000006
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
0x000001
0x000003
0x000005
0x000007
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com