Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

351 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 351
Description  ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

351 Datasheet(HTML) 1 Page - API Technologies Corp

  351 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT
ROTARY JOINT
SPECIFICATION
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
351 SERIES
SPECIFICATIONS
Frequency
Range
f (GHz)
VSWR
Max @
f(GHz)
Insertion
Loss, max
(dB)
Peak
Power
(W)
Average
Power
Watts @
f (GHz)
Starting
Torque
Max
(oz-in)
Continuous
Rotational
Speed
(rpm)
Nominal
Weight
(ounces)
Model
Number
DC – 40
DC-10 1.30:1
10-20 1.45:1
20-30 1:60:1
30-40 1:75:1
0.1+0.015f
500
100 @ 1
5.0
250
0.5
351
NOTES
1.
WOW (max VSWR/min VSWR) is 1.02 max per 360o.
2.
Refer to Power Derating Curves for rating other frequencies.
3.
Max DC Current is 3 Amps.
4.
2.92 Connectors compatible with standard SMA as shown below.
5.
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 070710
FEATURES
• 2.92 Connectors
• Small Size & Lightweight
• Designed for MIL-E-5400 Class II
OUTLINE DRAWING


Similar Part No. - 351

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
351 FILTRONIC-351 Datasheet
203Kb / 1P
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Keystone Electronics Co...
351 KEYSTONE-351 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
351-0001-RC ETC2-351-0001-RC Datasheet
92Kb / 1P
T-1 3/4 LED Mounting Clip
logo
Precid-Dip Durtal SA
351-10-116-00-003 PREDIP-351-10-116-00-003 Datasheet
59Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
351-10-116-00-004 PREDIP-351-10-116-00-004 Datasheet
59Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
More results

Similar Description - 351

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
345 FILTRONIC-345 Datasheet
148Kb / 2P
MINIATURE, IN-LINE, SMA CONNECTORS
351 FILTRONIC-351 Datasheet
203Kb / 1P
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
API Technologies Corp
345W APITECH-345W Datasheet
708Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345F APITECH-345F Datasheet
707Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345C APITECH-345C Datasheet
707Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345 APITECH-345 Datasheet
167Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
344 APITECH-344 Datasheet
183Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
logo
List of Unclassifed Man...
R125414000 ETC2-R125414000 Datasheet
11Mb / 51P
Sub-miniature coaxial connectors
logo
DDK Ltd.
MMCX DDK-MMCX Datasheet
709Kb / 5P
Micro-Miniature Coaxial Connectors
MMCX-SP-178BU-CR1 DDK-MMCX-SP-178BU-CR1 Datasheet
710Kb / 5P
Micro-Miniature Coaxial Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com