Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

344AF Datasheet(PDF) 1 Page - API Technologies Corp

Part # 344AF
Description  ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

344AF Datasheet(HTML) 1 Page - API Technologies Corp

  344AF Datasheet HTML 1Page - API Technologies Corp 344AF Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
ROTARY JOINTS
SPECIFICATION
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
344AF
SPECIFICATIONS
Frequency
Range
f (GHz)
VSWR
max
@ f (GHz)
Insertion
Loss, max
(dB) @
f (GHz)
Peak
Power
(kW)
Average
Power
Watts @
f (GHz)
Starting
Torque
Max
(oz-in)
Continuous
Rotational
Speed
(rpm)
Nominal
Weight
(ounces)
Model
Number
DC – 18
1.5
1.0
6
100 @ 18
7
1500
5
344AF
•
TNC connectors
•
Flanged styles for gimbal
•
WOW (max VSWR/min VSWR)/360o 1.01
•
Max DC current 10 A
VSWR and insertion loss graphs applicableonly for models with Type N connectors.
FEATURES
• Coaxial In-line, TNC or TYPE-N Male and Female
• Designed for High Speed Operation
• Designed to MIL-E-5400 Class II
• Long Life
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Frequency (GHz)
SPEC LIMIT
TYPICAL PERFORMANCE
0.0
0.1
0.2
0.3
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Frequency (GHz)
SPEC LIMIT
TYPICAL PERFORMANCE


Similar Part No. - 344AF

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
344AF FILTRONIC-344AF Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
API Technologies Corp
344AF APITECH-344AF Datasheet
183Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
More results

Similar Description - 344AF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N4856 MICROSEMI-2N4856 Datasheet
68Kb / 3P
N-CHANNEL J-FET
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Microsemi Corporation
2N4416A MICROSEMI-2N4416A Datasheet
55Kb / 2P
N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A_08 Datasheet
56Kb / 1P
N-CHANNEL J-FET
2N4856 MICROSEMI-2N4856_09 Datasheet
49Kb / 2P
N-CHANNEL J-FET
logo
API Technologies Corp
351 APITECH-351 Datasheet
145Kb / 1P
ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
344F APITECH-344F Datasheet
692Kb / 2P
ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
305W APITECH-305W Datasheet
629Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
TNC COAXIAL CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
TNC Series Coaxial Connectors Dual Crimp Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com