Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

344 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 344
Description  ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

344 Datasheet(HTML) 1 Page - API Technologies Corp

  344 Datasheet HTML 1Page - API Technologies Corp 344 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
ROTARY JOINTS
SPECIFICATION
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
305 & 344 SERIES
SPECIFICATIONS
Frequency
Range
f (GHz)
VSWR
max
@ f (GHz)
Insertion
Loss, max
(dB) @
f (GHz)
Peak
Power
(kW)
Average
Power
Watts @
f (GHz)
Starting
Torque
Max
(oz-in)
Continuous
Rotational
Speed
(rpm)
Nominal
Weight
(ounces)
Model
Number
1.15:1 DC–6
8
500
8
305W
DC – 12.4
1.30:1 6–10
0.1 + 0.015f
10
100 @ 1
8
500
9
305WF
1.50:1 10–12.4
7
1500
4
344
7
1500
5
344F
DC – 18
1.5
1.0
6
100 @ 18
7
1500
5
344AF
•
Model 344AF supplied with TNC connectors, all others have Type N.
•
Models designated F is flanged styles for gimbal.
•
WOW (max VSWR/min VSWR)/360o is 1.01.
•
Max DC current is 10 A.
VSWR and insertion loss graphs applicable only for models with Type N connectors.
FEATURES
• Coaxial In-line, TNC or TYPE-N Male and Female
• Designed for High Speed Operation
• Designed to MIL-E-5400 Class II
• Long Life
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0123
456
789
10
11
12
13
Frequency (GHz)
SPEC LIMIT
TYPICAL PERFORMANCE
0.0
0.1
0.2
0.3
01
23
456
78
9
10
11
12
13
Frequency (GHz)
SPEC LIMIT
TYPICAL PERFORMANCE


Similar Part No. - 344

ManufacturerPart #DatasheetDescription
logo
Littelfuse
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
logo
Filtronic Compound Semi...
344 FILTRONIC-344 Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Magnetrol International...
344 MAGNETROL-344 Datasheet
768Kb / 8P
ECHOTEL짰NON-CONTACTULTRASOUND
logo
List of Unclassifed Man...
344 ETC2-344 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Advanced Energy Industr...
344 ADVANCEDENERGY-344 Datasheet
298Kb / 4P
TREK 344
More results

Similar Description - 344

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRM-RPA HIROSE-HRM-RPA Datasheet
34Kb / 1P
Rotary Joints
logo
Filtronic Compound Semi...
345 FILTRONIC-345 Datasheet
148Kb / 2P
MINIATURE, IN-LINE, SMA CONNECTORS
351 FILTRONIC-351 Datasheet
203Kb / 1P
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
API Technologies Corp
351 APITECH-351 Datasheet
145Kb / 1P
ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
345W APITECH-345W Datasheet
708Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345F APITECH-345F Datasheet
707Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345C APITECH-345C Datasheet
707Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345 APITECH-345 Datasheet
167Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
logo
Littelfuse
HE3300 LITTELFUSE-HE3300 Datasheet
436Kb / 3P
Miniature single in-line package
HE3600 LITTELFUSE-HE3600 Datasheet
402Kb / 3P
Miniature single in-line package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com