Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1105 Datasheet(PDF) 12 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 12 Page - ams AG

Back Button AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG AS1105 Datasheet HTML 10Page - ams AG AS1105 Datasheet HTML 11Page - ams AG AS1105 Datasheet HTML 12Page - ams AG AS1105 Datasheet HTML 13Page - ams AG AS1105 Datasheet HTML 14Page - ams AG AS1105 Datasheet HTML 15Page - ams AG AS1105 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
11 - 15
AS1105
Datasheet - Application In form atio n
9 Application Information
9.1 Supply Bypassing and Wiring
In order to achieve optimal performance the AS1105 shall be placed very close to the LED display to minimize effects of electromagnetic
interference and wiring inductance. Furthermore, it is recommended to connect a 10µF electrolytic and a 0.1µF ceramic capacitor between VDD
and GND to avoid power supply ripple. Also, both GNDs must be connected to ground.
9.2 Selecting RSET Resistor and Using External Drivers
The current through the segments is controlled via the external resistor RSET. Segment current is about 100 times the current in ISET. The right
values for ISET are given in Table 12. The maximum current the AS1105 can drive is 40mA. If higher currents are needed, external drivers must
be used. In that case it is no longer necessary that the AS1105 drives high currents. A recommended value for RSET is 47k
Ω. In cases that the
AS1105 only drives few digits Table 10 specifies the maximum currents and RSET must be set accordingly. Refer to Absolute Maximum Ratings
to calculate acceptable limits for ambient temperature, segment current, and the LED forward-voltage drop.
9.3 4x8 LED Dot Matrix Driver
The example in Figure 7 uses the AS1105 to drive an 4x8 LED dot matrix. The LED columns have common cathode and are connected to the
DIG0-3 outputs. The rows are connected to the segment drivers. Each of the 32 LEDs can be addressed separately. The columns are selected
via the digits as shown in Table 5. The decode mode register (0xX9) has to be programmed to ‘00000000’ as stated in Table 7. The single LEDs
in a column can be addressed as stated in Table 10, where D0 corresponds to segment G and D7 to segment DP. For a multiple digit dot matrix
several AS1105 have to be cascaded.
Figure 7. Application Example as LED Dot Matrix Driver
SEG F
SEG G
SEG E
SEG D
SEG C
SEG B
SEG A
SEG DP
DIG 0
DIG 3
4x8 LED Dot
SEG A-G DIG 0-3
18
19
VBAT
9.53k
DIN
LOA
CLK
GND
GND
ISET
VDD
DOUT
1
12
9
1
SEG F
SEG G
SEG E
SEG D
SEG C
SEG B
SEG A
SEG DP
DIG 0
DIG 3
4x8 LED Dot
SEG A-G DIG 0-3
18
19
VBAT
9.53k
DIN
LOA
CLK
GND
GND
ISET
VDD
DOUT
1
12
9
1
µP
Diode Arrangement
AS1105
AS1105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com