Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1108 Datasheet(PDF) 15 Page - ams AG

Part # AS1108
Description  4-Digi t LED Display Dr iver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 15 Page - ams AG

Back Button AS1108 Datasheet HTML 11Page - ams AG AS1108 Datasheet HTML 12Page - ams AG AS1108 Datasheet HTML 13Page - ams AG AS1108 Datasheet HTML 14Page - ams AG AS1108 Datasheet HTML 15Page - ams AG AS1108 Datasheet HTML 16Page - ams AG AS1108 Datasheet HTML 17Page - ams AG AS1108 Datasheet HTML 18Page - ams AG AS1108 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1108
Revision 2.13
14 - 20
AS1108
Datasheet - Ty p i c a l A p p l i c a t i o n
9 Typical Application
Supply Bypassing and Wiring
In order to achieve optimal performance the AS1108 should be placed very close to the LED display to minimize
effects of electromagnetic interference and wiring inductance.
Furthermore, a 10µF electrolytic and a 0.1µF ceramic capacitor should be connected between pins VDD and GND to
avoid power supply ripple (see Figure 12 on page 16).
Note: Both GND pins must be connected to ground.
Selecting RSET Resistor Value and Using External Drivers
Brightness of the display segments is controlled via RSET. The current that flows between VDD and ISET defines the
current that flows through the LEDs.
Segment current is about 200 times the current in ISET. Typical values for RSET for different segment currents, operat-
ing voltages, and LED voltage drop (VLED) are given in Tables 19 - 23. The maximum current the AS1108 can drive is
40mA. If higher currents are needed, external drivers must be used, in which case it is no longer necessary that the
device drive high currents.
In cases where the device drives only a few digits, Table 16 specifies the maximum currents, and RSET must be set
accordingly.
Note: The display brightness can also be logically controlled (see Selecting RSET Resistor Value and Using External
Drivers on page 14).
Table 19. RSET vs. Segment Current and LED Forward Voltage, VDD = 2.7V
ISEG (mA)
VLED(V)
1.5
2.0
40
5k
Ω
4.4k
Ω
30
6.9k
Ω
5.9k
Ω
20
10.7k
Ω
9.6k
Ω
10
22.2k
Ω
20.7k
Ω
Table 20. RSET vs. Segment Current and LED Forward Voltage, VDD = 3.3V
ISEG (mA)
VLED(V)
1.5
2.0
2.5
40
6.7k
Ω
6.4k
Ω
5.7k
Ω
30
9.1k
Ω
8.8k
Ω
8.1k
Ω
20
13.9k
Ω
13.3k
Ω
12.6k
Ω
10
28.8k
Ω
27.7k
Ω
26k
Ω
Table 21. RSET vs. Segment Current and LED Forward Voltage, VDD = 3.6V
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
40
7.5k
Ω
7.2k
Ω
6.6k
Ω
5.5k
Ω
30
10.18k
Ω
9.8k
Ω
9.2k
Ω
7.5k
Ω
20
15.6k
Ω
15k
Ω
14.3k
Ω
13k
Ω
10
31.9k
Ω
31k
Ω
29.5k
Ω
27.3k
Ω
Table 22. RSET vs. Segment Current and LED Forward Voltage, VDD = 4.0V
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
3.5
40
8.6k
Ω
8.3k
Ω
7.9k
Ω
7.6k
Ω
5.2k
Ω
30
11.6k
Ω
11.2k
Ω
10.8k
Ω
9.9k
Ω
7.8k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com