Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1115 Datasheet(PDF) 2 Page - ams AG

Part # AS1115
Description  64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1115 Datasheet(HTML) 2 Page - ams AG

  AS1115 Datasheet HTML 1Page - ams AG AS1115 Datasheet HTML 2Page - ams AG AS1115 Datasheet HTML 3Page - ams AG AS1115 Datasheet HTML 4Page - ams AG AS1115 Datasheet HTML 5Page - ams AG AS1115 Datasheet HTML 6Page - ams AG AS1115 Datasheet HTML 7Page - ams AG AS1115 Datasheet HTML 8Page - ams AG AS1115 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
A S 111 5
6 4 L E D s , I ²C I n t e r f a c e d L E D D r i v e r w i t h K e y s c a n
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
1 - 25
D a ta s h e e t
1 General Description
The AS1115 is a compact LED driver for 64 single LEDs or 8 digits of
7-segments. The devices can be programmed via an I²C compatible
2-wire interface.
Every segment can be individually addressed and updated sepa-
rately. Only one external resistor (RSET) is required to set the cur-
rent. LED brightness can be controlled by analog or digital means.
The devices include an integrated BCD code-B/HEX decoder, multi-
plex scan circuitry, segment and display drivers, and a 64-bit mem-
ory. Internal memory stores the shift register settings, eliminating the
need for continuous device reprogramming.
All outputs of the AS1115 can be configured for key readback. Key-
switch status is obtained by polling for up to 64 keys while 16 keys
can be used to trigger an interrupt.
Additionally the AS1115 offers a diagnostic mode for easy and fast
production testing.
The AS1115 features a low shutdown current of typically 200nA, and
an operational current of typically 350 A. The number of digits can
be programmed, the devices can be reset by software, and an exter-
nal clock is also supported.
The device is available in a QSOP-24 and the TQFN(4x4)-24 pack-
age.
Figure 1. AS1115 - Typical Application Diagram
2 Key Features
up to 1MHz I²C-Compatible Interface
Individual LED Segment Control
Readback for 16 Keys plus Interrupt
Open and Shorted LED Error Detection
- Global or Individual Error Detection
Hexadecimal- or BCD-Code for 7-Segment Displays
200nA Low-Power Shutdown Current (typ; data retained)
Digital and Analog Brightness Control
Display Blanked on Power-Up
Drive Common-Cathode LED Displays
Supply Voltage Range: 2.7 to 5.5V
Software Reset
Optional External Clock
Package:
- QSOP-24
- TQFN(4x4)-24
3 Applications
The AS1115 is ideal for seven-segment or dot matrix user interface
displays of set-top boxes, VCRs, DVD-players, washing machines,
micro wave ovens, refrigerators and other white good or personal
electronic applications.
AS1115
DIG0 to
DIG7
SEGA-DP
KEY0-7
8
SDA
SCL
IRQ
VDD
ISET
SDA
IRQ
GND
SCL
2.7 to 5.5V
9.53k
Ω
µP
8
KEYA
KEYB
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com