Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1110 Datasheet(PDF) 16 Page - ams AG

Part # AS1110
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1110 Datasheet(HTML) 16 Page - ams AG

Back Button AS1110 Datasheet HTML 12Page - ams AG AS1110 Datasheet HTML 13Page - ams AG AS1110 Datasheet HTML 14Page - ams AG AS1110 Datasheet HTML 15Page - ams AG AS1110 Datasheet HTML 16Page - ams AG AS1110 Datasheet HTML 17Page - ams AG AS1110 Datasheet HTML 18Page - ams AG AS1110 Datasheet HTML 19Page - ams AG AS1110 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1110
Revision 1.6
15 - 24
AS1110
Datasheet - Detailed Descr i p ti on
8.6.3 Detailed Shorted-LED Error Report
The detailed shorted-LED error report can be read out immediately after global error mode has been run (see Global Error Mode on page 11).
SDI must be 1 for the first device.
Figure 16. Detailed Shorted-LED Error Report Timing Diagram
Detailed Shorted-LED Error Report Example
Consider a case where three AS1110s are cascaded in one chain. A 1 indicates a LED is on, a 0 indicates a LED is off, and an X indicates a
shorted LED. This test is used on-the-fly.
IC1:[11111XX111111111] IC2:[1111111111111111] IC3:[X100011111111111]
IC1 has two shorted LEDs which are switched on, IC3 has one shorted LED switched off due to input. 3*16 clock cycles are needed to write the
entire error code out. The detailed error report would look like this:
Showing IC1 as the device with two shorted LEDs at position 6 and 7, and IC3 with one shorted LED at position 1. The shorted LED at position 1
of IC3 cannot be detected, since LEDs turned off at test time are not tested and will show a logic "1" at the detailed error report. To test all LEDs
this test should be run with an all 1s test pattern. For a test with an all on test pattern, low-current diagnostic mode should be entered first to
reduce on-screen flickering.
Note:
In an actual report there are no spaces in the output. LEDs turned off during test time cannot be tested and will show a logic 1 in the
detailed error report.
8.6.4 Low-Current Diagnostic Mode
To run the open- or shorted-LED test, a test pattern must be used that will turn on each LED to be tested. This test pattern will cause a short
flicker on the screen while the test is being performed. The low-current diagnostic mode can be initiated prior to running a detailed error report to
reduce this on-screen flickering.
Note:
Normally, displays using such a diagnostic mode require additional cables, resistors, and other components to reduce the current. The
AS1110 has this current-reduction capability built-in, thereby minimizing the number of external components required.
Low-current diagnostic mode can be initiated via 3 clock pulses during error-detection mode. After the falling edge of LD, a test pattern displaying
all 1s can be written to the shift register which will be used for the next error-detection test.
On the next falling edge of OEN, current is reduced to ILC. With the next rising edge of OEN the current will immediately increase to normal
levels and the detailed error report can be read out entering error-detection mode.
Input Data: 1 1 1 1111 1111 111 11
1 1111 111 1111 1111
01 0001 1111 111 111
LED Status: 1 1 1 11X X 1111 111 11
1 1111 111 1111 1111
X 1 1111 1111 111 111
Failure Code: 1 1 1 1100 1111 111 11
1 1111 111 1111 1111
11 1111 1111 111 111
Global Flag Readout
Detailed Error Report Readout
SDI
OEN
LD
CLK
SDO
tH(L)
tSU(ERROR)
tP1
tSW(ERROR)
tP4
TFLAG
SFLAG
DBit14 DBit13 DBit12
DBitn
DBit2
DBit1
DBit0
Don’t
Care
Don’t
Care
SBit14 SBit13 SBit12
SBitn
SBit2
SBit1
SBit0
SBit15
New Data Input
Shorted-LED Error Report Output
OFLAG
TFLAG
tP4
tTESTING
Global Flag Readout
DBit15
For detailed timing information see Timing Diagrams on page 9.
tGSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com