Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1112 Datasheet(PDF) 8 Page - ams AG

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112 Datasheet(HTML) 8 Page - ams AG

Back Button AS1112 Datasheet HTML 4Page - ams AG AS1112 Datasheet HTML 5Page - ams AG AS1112 Datasheet HTML 6Page - ams AG AS1112 Datasheet HTML 7Page - ams AG AS1112 Datasheet HTML 8Page - ams AG AS1112 Datasheet HTML 9Page - ams AG AS1112 Datasheet HTML 10Page - ams AG AS1112 Datasheet HTML 11Page - ams AG AS1112 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
7 - 19
AS1112
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
8 Typical Operating Characteristics
TAMB = 25ºC (unless otherwise specified).
Figure 3. Output Current vs. VDS; VDD = 5V
Figure 4. Output Current vs. VDS; VDD = 5V
0
10
20
30
40
50
60
70
80
90
100
110
120
0
2
4
6
8
10
VDS (V)
Iout = 80mA (480
Ω)
Iout = 40mA (1k
Ω)
Iout = 15mA (2.7k
Ω)
Iout = 60mA (640
Ω)
Iout = 100mA (390
Ω)
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.5
1
1.5
2
2.5
3
VDS (V)
Iout = 80mA (480
Ω)
Iout = 40mA (1k
Ω)
Iout = 15mA (2.7k
Ω)
Iout = 60mA (640
Ω)
Iout = 100mA (390
Ω)
Figure 5. Output Current vs. VDS; VDD = 3V
Figure 6. Output Current vs. VDS; VDD = 3V
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
VDS (V)
Iout = 80mA (480
Ω)
Iout = 40mA (1k
Ω)
Iout = 15mA (2.7k
Ω)
Iout = 60mA (640
Ω)
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
VDS (V)
Iout = 80mA (480
Ω)
Iout = 40mA (1k
Ω)
Iout = 15mA (2.7k
Ω)
Iout = 60mA (640
Ω)
Figure 7. Output Current vs. REXT;
Figure 8. Output Current vs. Dot Correction Value;
1
10
100
0
1
2
3
4
5
6
7
8
9
10
REXT (kOhm )
0
10
20
30
40
50
60
70
80
90
0
9
18
27
36
45
54
63
Dot Correction Value
Iout = 40mA (1k
Ω)
Iout = 80mA (480
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com