Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1118 Datasheet(PDF) 10 Page - ams AG

Part # AS1118
Description  64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1118 Datasheet(HTML) 10 Page - ams AG

Back Button AS1118 Datasheet HTML 6Page - ams AG AS1118 Datasheet HTML 7Page - ams AG AS1118 Datasheet HTML 8Page - ams AG AS1118 Datasheet HTML 9Page - ams AG AS1118 Datasheet HTML 10Page - ams AG AS1118 Datasheet HTML 11Page - ams AG AS1118 Datasheet HTML 12Page - ams AG AS1118 Datasheet HTML 13Page - ams AG AS1118 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1118
Revision 1.01
9 - 20
AS1118
Datasheet - D e t a i l e d D e s c r i p t i o n
Shutdown Mode
The AS1118 devices feature a shutdown mode, where they consume only 200nA (typ) current. Shutdown mode is
entered via a write to the Shutdown Register (see Table 9) or via pulling the pin RESTEN to logic low. When pin
RESETN is set to logic low an according write to the Shutdown Register is done internally.
For the AS1118, at that point, all segment current sources and digital drivers are switched off, so that all segments are
blanked. During shutdown mode the Digit-Registers maintain their data.
Note: When pin RESETN is pulled to logic high again, a write to the Shutdown Register in necessary to leave the
shutdown mode.
Shutdown mode can either be used as a means to reduce power consumption or for generating a flashing display
(repeatedly entering and leaving shutdown mode). For minimum supply current in shutdown mode, logic input should
be at GND or VDD (CMOS logic level).
When entering or leaving shutdown mode, the Feature Register is reset to its default values (all 0s) when Shutdown
Register bit D7 (page 10) = 0.
Note:
When Shutdown Register bit D7 = 1, the Feature Register is left unchanged when entering or leaving shut-
down mode. If the AS1118 is used with an external clock, Shutdown Register bit D7 should be set to 1 when
writing to the Shutdown Register.
Digit- and Control-Registers
The AS1118 devices contain 8 Digit-Registers,11 control-registers and 8 diagnostic-registers, which are listed in Table
8. All registers are selected using a 8-bit address word, and communication is done via the serial interface.
Digit Registers – These registers are realized with an on-chip 64-bit memory. Each digit can be controlled directly
without rewriting the whole register contents.
Control Registers – These registers consist of decode mode, display intensity, number of scanned digits, shut-
down, display test and features selection registers.
Table 8. Register Address Map
Register
Address
Page
D15
D14
D13
D12
D11
D10
D9
D8
D7:D0
No-Op
X
0
0
0
0
0
0
0
14
Digit 0
X
0
0
0
0
0
0
1
(see Table 11 on page 11,
Table 12 on page 11 and
Table 13 on page 11)
N/A
Digit 1
X
0
0
0
0
0
1
0
N/A
Digit 2
X
0
0
0
0
0
1
1
N/A
Digit 3
X
0
0
0
0
1
0
0
N/A
Digit 4
X
0
0
0
0
1
0
1
N/A
Digit 5
X
0
0
0
0
1
1
0
N/A
Digit 6
X
0
0
0
0
1
1
1
N/A
Digit 7
X
0
0
0
1
0
0
0
N/A
Decode-Mode
X
0
0
0
1
0
0
1
(see Table 10 on page 10)
10
Global Intensity
X
0
0
0
1
0
1
0
(see Table 17 on page 13)
13
Scan Limit
X
0
0
0
1
0
1
1
(see Table 19 on page 13)
13
Shutdown
X
0
0
0
1
1
0
0
(see Table 9 on page 10)
9
Not Used
X
0
0
0
1
1
0
1
N/A
Feature
X
0/1
0
0
1
1
1
0
(see Table 20 on page 14)
14
Display Test Mode
X
0
0
0
1
1
1
1
(see Table 14 on page 12)
10
DIG0:DIG1 Intensity
X
0
0
1
0
0
0
0
(see Table 18 on page 13)
DIG2:DIG3 Intensity
X
0
0
1
0
0
0
1
(see Table 18 on page 13)
DIG4:DIG5 Intensity
X
0
0
1
0
0
1
0
(see Table 18 on page 13)
DIG6:DIG7 Intensity
X
0
0
1
0
0
1
1
(see Table 18 on page 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com