Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1121 Datasheet(PDF) 13 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 13 Page - ams AG

Back Button AS1121 Datasheet HTML 9Page - ams AG AS1121 Datasheet HTML 10Page - ams AG AS1121 Datasheet HTML 11Page - ams AG AS1121 Datasheet HTML 12Page - ams AG AS1121 Datasheet HTML 13Page - ams AG AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG AS1121 Datasheet HTML 16Page - ams AG AS1121 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
12 - 21
AS1121
Datasheet - Detailed Descr i pti on
OUTn Enable
All OUTn channels can be collectively switched off with one signal. When OEN is set to 1, all OUTn channels are disabled, regardless of the
device logic operations. The greyscale counter is also reset when OEN is set to 1.
When OEN is set to 0, all OUTn channels are in normal operation.
Setting Maximum Channel Current
The maximum output current per channel is programmed by a single resistor, RIREF, which is placed between pin IREF and GND. The voltage
on pin IREF is set by an internal band gap VIREF (1.27V typ). The maximum channel current is equivalent to the current flowing through RIREF
multiplied by a factor of 31.5. The maximum output current is calculated as:
Where:
VIREF = 1.27V;
RIREF = User-selected external resistor.
Power Dissipation
To ensure proper operation of the device, the total power dissipation of the AS1121 must be below the power dissipation rating of the device
package. Total power dissipation is calculated as:
Where:
VCC is the device supply voltage;
ICC is the device supply current;
VOUT is the device OUTn voltage when driving LED current;
IMAX is the LED current adjusted by RIREF;
DCn is the maximum dot correction value for OUTn;
n is the number of OUTn driving LED at the same time;
dPWM is the duty cycle defined by pin OEN or the greyscale PWM value.
Operating Modes
The AS1121 operates in two modes (see Table 8). Greyscale operating mode (see Figure 22 on page 14) and the shift registers are in reset state
at power-up.
Table 7. Pin OEN Truth Table
OEN
OUT0:OUT15
0
Normal Operation
1Disabled
Table 8. Operating Modes
Mode
Input Shift Register
Operating Mode
0
192-bit
Greyscale PWM Mode
1
96-bit
Dot Correction Data Input Mode
IMAX =
VIREF
RIREF
x 31.5
(EQ 1)
PD = (VCC x ICC) + (VOUT x IMAX x n x
DCn
63
(EQ 2)
dPWM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com