Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1302 Datasheet(PDF) 15 Page - ams AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1302 Datasheet(HTML) 15 Page - ams AG

Back Button AS1302_07 Datasheet HTML 11Page - ams AG AS1302_07 Datasheet HTML 12Page - ams AG AS1302_07 Datasheet HTML 13Page - ams AG AS1302_07 Datasheet HTML 14Page - ams AG AS1302_07 Datasheet HTML 15Page - ams AG AS1302_07 Datasheet HTML 16Page - ams AG AS1302_07 Datasheet HTML 17Page - ams AG AS1302_07 Datasheet HTML 18Page - ams AG AS1302_07 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
14 - 18
AS1302
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Flying Capacitor Selection
To ensure the required output current and avoid high peak currents the values of the flying capacitors CFLY1 and CFLY2
are very critical. A 220nF capacitor is sufficient for most applications. Dependent on the operation mode the AS1302
alternately charges and discharges the CFLY1/2 . While the ESR of the output capacitor produces a part of the output
voltage ripple, the ESR of the flying capacitors directly adds to the charge pump’s output source resistance. Therefore
low ESR capacitors, e.g. tantalum or ceramic, are recommended for the flying capacitors as well.
Due to different materials for ceramic capacitors the on the material depending temperature and voltage coefficients
have to be considered. The capacitance of a X7R ceramic capacitor is more stable than a Z5U or Y5V ceramic
capacitor over the whole temperature range from -40°C to +85°C. As an additional effect a Z5U or Y5V ceramic
capacitor will loose about the half of his nominal capacitance when the rated voltage is applied.
It is important to choose the ceramic capacitor according to the minimum available capacitance over the operating
voltage and the bias voltage. This information is stated in the datasheets of the capacitor manufacturer.
Layout Consideration
To achieve the best performance of the AS1302 a careful board layout is necessary to reduce the impact of the high
switching frequency and the high transient currents which are produced by the device. For a proper regulation under all
conditions a true ground plane and short connections to all external capacitors are needed.
Table 5. Recommended Flying Capacitors
Part Number
C
TC Code
Rated Voltage
Dimensions
Manufacturer
GRM188R71E224KA88
220nF
X7R
25V
0603
Murata
www.murata.com
GRM155R61A224KE19
220nF
X5R
10V
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com