Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1302-BWLT Datasheet(PDF) 7 Page - ams AG

Part # AS1302-BWLT
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1302-BWLT Datasheet(HTML) 7 Page - ams AG

Back Button AS1302-BWLT Datasheet HTML 3Page - ams AG AS1302-BWLT Datasheet HTML 4Page - ams AG AS1302-BWLT Datasheet HTML 5Page - ams AG AS1302-BWLT Datasheet HTML 6Page - ams AG AS1302-BWLT Datasheet HTML 7Page - ams AG AS1302-BWLT Datasheet HTML 8Page - ams AG AS1302-BWLT Datasheet HTML 9Page - ams AG AS1302-BWLT Datasheet HTML 10Page - ams AG AS1302-BWLT Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
6 - 18
AS1302
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Efficiency vs. Output Current; VBATT = 2.9V
Figure 10. Efficiency vs. Output Current; VBATT = 3.3V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1.2MHz
49kHz
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1.2MHz
49kHz
Figure 11. Efficiency vs. Output Current; VBATT = 3.6V
Figure 12. Efficiency vs. Output Current; VBATT = 4V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1.2MHz
49kHz
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1.2MHz
49kHz
Figure 13. Efficiency vs. Output Current; VBATT = 4.3V
Figure 14. Efficiency vs. Output Current; VBATT = 5.4V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1.2MHz
49kHz
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
permanent 1:1 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com