Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1322 Datasheet(PDF) 12 Page - ams AG

Part # AS1322
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Datasheet(HTML) 12 Page - ams AG

Back Button AS1322_13 Datasheet HTML 8Page - ams AG AS1322_13 Datasheet HTML 9Page - ams AG AS1322_13 Datasheet HTML 10Page - ams AG AS1322_13 Datasheet HTML 11Page - ams AG AS1322_13 Datasheet HTML 12Page - ams AG AS1322_13 Datasheet HTML 13Page - ams AG AS1322_13 Datasheet HTML 14Page - ams AG AS1322_13 Datasheet HTML 15Page - ams AG AS1322_13 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1322
Revision 1.10
12 - 18
AS1322
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.2 External Component Selection
9.2.1
Inductor Selection
The fast switching frequency (1.2MHz) of the AS1322 allows for the use of small surface mount or chip inductor for the external inductor (see
Figure 15 on page 7).
The required minimum values for the external inductor are:
3.3µH for applications
≤ 3.6V
4.7µH for applications > 3.6V
Larger inductor values allow greater output current capability by reducing the inductor ripple current. Increasing the inductance above 10µH will
increase size while providing negligible improvement in output current capability.
The approximate output current capability of the AS1322 versus inductor value is given in:
Where:
η is the estimated efficiency;
IP is the peak current limit value (0.6A);
VIN is the input voltage;
D is the steady-state duty ratio = (VOUT - VIN)/VOUT;
f is the switching frequency (1.2MHz typ);
L is the inductor value.
The inductor current ripple is typically set for 20 to 40% of the maximum inductor current (IP). High-frequency ferrite core inductor materials
reduce frequency dependent power losses compared to less expensive powdered iron types, which result in improved converter efficiency.
The inductor should have low ESR to reduce the I
2
R power losses, and must be able to handle the peak inductor current without saturating.
Molded chokes and some chip inductors normally do not have enough core to support the peak inductor currents of the AS1322 (850mA typ). To
minimize radiated noise, use a toroid, pot core, or shielded bobbin inductor.
Table 5. Recommended Inductors
Part Number
L
DCR
Current Rating
Dimensions (L/W/T)
Manufacturer
MOS6020-103ML
10µH
93m
Ω
1A
6.8x6.0x2.4mm
Coilcraft
www.coilcraft.com
MOS6020-472ML
4.7µH
50m
Ω
1.5A
6.8x6.0x2.4mm
MOS6020-332ML
3.3µH
46m
Ω
1.8A
6.8x6.0x2.4mm
CDRH4D18-100
10µH
200m
Ω
0.61A
6.9x5.0x2.0mm
Sumida
www.sumida.com
CDRH4D18-6R8
6.8µH
200m
Ω
0.76A
6.9x5.0x2.0mm
CR43-6R8
6.8µH
131.2m
Ω
0.95A
4.8x4.3x3.5mm
CDRH4D18-4R7
4.7µH
162m
Ω
0.84A
6.9x5.0x2.0mm
(EQ 2)
IOUT MAX
(
)
η IP
VIN D
⋅
f L 2
⋅ ⋅
------------------
–
1
D
–
(
)
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com