Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1329 Datasheet(PDF) 11 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 11 Page - ams AG

Back Button AS1329_13 Datasheet HTML 7Page - ams AG AS1329_13 Datasheet HTML 8Page - ams AG AS1329_13 Datasheet HTML 9Page - ams AG AS1329_13 Datasheet HTML 10Page - ams AG AS1329_13 Datasheet HTML 11Page - ams AG AS1329_13 Datasheet HTML 12Page - ams AG AS1329_13 Datasheet HTML 13Page - ams AG AS1329_13 Datasheet HTML 14Page - ams AG AS1329_13 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
11 - 20
AS1329
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 22. Single AA Cell to ±3V Synchronous Boost Converter
Figure 23. Single AA Cell to 2.5V Synchronous Boost Converter
AS1329
R2
750k
Ω
1%
R1
1.02M
Ω
1%
On
Off
L1
4.7µH
AA
Battery
C1
4.7µF
C3
1µF
D1
VOUT2
-3V, 10mA
VOUT1
3V, 90mA
C2
4.7µF
C4
10µF
D2
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
AS1329
C2
10µF
R2
1.02M
Ω
1%
R1
1.02M
Ω
1%
On
Off
L1
4.7µH
AA
Battery
C1
10µF
VOUT
2.5V, 230mA
D1
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com