Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1332 Datasheet(PDF) 3 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 3 Page - ams AG

  AS1332_07 Datasheet HTML 1Page - ams AG AS1332_07 Datasheet HTML 2Page - ams AG AS1332_07 Datasheet HTML 3Page - ams AG AS1332_07 Datasheet HTML 4Page - ams AG AS1332_07 Datasheet HTML 5Page - ams AG AS1332_07 Datasheet HTML 6Page - ams AG AS1332_07 Datasheet HTML 7Page - ams AG AS1332_07 Datasheet HTML 8Page - ams AG AS1332_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
2 - 19
AS1332
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Configuration
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
PVIN
A1
+2.7V to + 5.5V Power Supply Voltage. Input to the internal PFET switch.
VDD
B1
+2.7V to + 5.5V Analog Supply Input. Bypass this pin to GND with a
≥10µF
capacitor.
EN
C1
Active-High Enable Input. Set this digital input high for normal operation. For
shutdown, set low.
VCON
C2
Voltage Control Analog Input. VCON controls VOUT.
FB
C3
Feedback Pin. Connect to the output at the output filter capacitor.
AGND
B3
Analog and Control Ground. Connect this pin with low resistance to PGND.
PGND
A3
Power Ground. Connect this pin with low resistance to AGND.
SW
A2
Switch Pin. Switch node connection to the internal PFET switch and NFET
synchronous rectifier. Limit specification of the AS1332.
A3
B3
C3
A1
B1
C1
PGND
AGND
FB
PVIN
VDD
EN
C2
VCON
A2
SW
A1
B1
C1
A3
B3
C3
PVIN
VDD
EN
PGND
AGND
FB
C2
VCON
A2
SW
Bottom View
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com