Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1335 Datasheet(PDF) 15 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 15 Page - ams AG

Back Button AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG AS1335 Datasheet HTML 13Page - ams AG AS1335 Datasheet HTML 14Page - ams AG AS1335 Datasheet HTML 15Page - ams AG AS1335 Datasheet HTML 16Page - ams AG AS1335 Datasheet HTML 17Page - ams AG AS1335 Datasheet HTML 18Page - ams AG AS1335 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
14 - 18
AS1335
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Efficiency
The efficiency of a switching regulator is equivalent to:
Efficiency = (POUT/PIN)x100%
(EQ 7)
For optimum design, an analysis of the AS1335 is needed to determine efficiency limitations and to determine design
changes for improved efficiency. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
(EQ 8)
Where:
L1, L2, L3, etc. are the individual losses as a percentage of input power.
Althought all dissipative elements in the circuit produce losses, those four main sources should be considered for effi-
ciency calculation:
Input Voltage Quiescent Current Losses
The VIN current is the DC supply current given in the electrical characteristics which excludes MOSFET driver and con-
trol currents. VIN current results in a small (<0.1%) loss that increases with VIN, even at no load. The VIN quiescent cur-
rent loss dominates the efficiency loss at very low load currents.
I²R Losses
Most of the efficiency loss at medium to high load currents are attributed to I²R loss, and are calculated from the resis-
tances of the internal switches (RSW) and the external inductor (RL). In continuous mode, the average output current
flowing through inductor L is split between the internal switches. Therefore, the series resistance looking into the SW
pin is a function of both NMOS & PMOS RDS(ON) as well as the the duty cycle (DC) and can be calculated as follows:
RSW = (RDS(ON)PMOS)(DC) + (RDS(ON)NMOS)(1 – DC)
(EQ 9)
The RDS(ON) for both MOSFETs can be obtained from the Electrical Characteristics on page 4. Thus, to obtain I²R
losses calculate as follows:
I²R losses = IOUT²(RSW + RL)(EQ 10)
Switching Losses
The switching current is the sum of the control currents and the MOSFET driver. The MOSFET driver current results
from switching the gate capacitance of the power MOSFETs. If a MOSFET gate is switched from low to high to low
again, a packet of charge dQ moves from VIN to ground. The resulting dQ/dt is a current out of VIN that is typically
much larger than the DC bias current. In continuous mode:
IGC = f(QPMOS + QNMOS)(EQ 11)
Where: QPMOS and QNMOS are the gate charges of the internal MOSFET switches.
The losses of the gate charges are proportional to VIN and thus their effects will be more visible at higher supply volt-
ages.
Other Losses
Basic losses in the design of a system should also be considered. Internal battery resistances and copper trace can
account for additional efficiency degradations in battery operated systems. By making sure that CIN has adequate
charge storage and very low ESR at the given switching frequency, the internal battery and fuse resistance losses can
be minimized. CIN and COUT ESR dissipative losses and inductor core losses generally account for less than 2% total
additional loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com