Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1337 Datasheet(PDF) 3 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 3 Page - ams AG

  AS1337_09 Datasheet HTML 1Page - ams AG AS1337_09 Datasheet HTML 2Page - ams AG AS1337_09 Datasheet HTML 3Page - ams AG AS1337_09 Datasheet HTML 4Page - ams AG AS1337_09 Datasheet HTML 5Page - ams AG AS1337_09 Datasheet HTML 6Page - ams AG AS1337_09 Datasheet HTML 7Page - ams AG AS1337_09 Datasheet HTML 8Page - ams AG AS1337_09 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.05
2 - 15
AS1337
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Name
Pin Number
Description
VOUT
1
Output Voltage. Bias is derived from VOUT when VOUT exceeds VIN. PCB trace length from
VOUT to the output filter capacitor(s) should be as short and wide as is practical.
LX
2
Switch Pin. Connect an inductor between this pin and VIN. Keep the PCB trace lengths as short
and wide as is practical to reduce EMI and voltage overshoot. If the inductor current falls to zero,
or pin EN is low, an internal 100
Ω anti-ringing switch is connected from this pin to VIN to minimize
EMI.
Note: An optional Schottky diode can be connected between this pin and VOUT.
PGND
3
Power Ground. Provide a short, direct PCB path between this pin and the output capacitor(s).
GND
4
Ground
EN
5
Enable Pin. Logic controlled enable input.
1 = Normal operation
0 = Shutdown
Note: In a typical application, EN should be connected to VIN through a 1M
Ω
pull-up resistor.
POK
6
POK. High when VOUT is within regulation.
VIN
7
Input Voltage. The AS1337 gets its start-up bias from VIN unless VOUT exceeds VIN, in which
case the bias is derived from VOUT. Thus, once started, operation is completely independent
from VIN. Operation is only limited by the output power level and the internal series resistance of
the supply.
FB
8
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor divider tap to this pin.
The output voltage can be adjusted from 2.5V to 5V by: VOUT = 1.23V[1 + (R1/R2)]
GND
9
Exposed Pad Ground
5 EN
3
PGND
2
LX
1
VOUT
6POK
7VIN
8FB
AS1337
4
GND
9GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com