Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1339 Datasheet(PDF) 20 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 20 Page - ams AG

Back Button AS1339 Datasheet HTML 16Page - ams AG AS1339 Datasheet HTML 17Page - ams AG AS1339 Datasheet HTML 18Page - ams AG AS1339 Datasheet HTML 19Page - ams AG AS1339 Datasheet HTML 20Page - ams AG AS1339 Datasheet HTML 21Page - ams AG AS1339 Datasheet HTML 22Page - ams AG AS1339 Datasheet HTML 23Page - ams AG AS1339 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1339
Revision 1.05
19 - 25
AS1339
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Capacitor Selection for LDO’s
Input Capacitor
The capacitor for the LDO Input should have at least a value of the sum of the output capacitors of LDO1 and LDO2.
With a larger input capacitance and lower ESR a better noise rejection and line transient response can be achieved.
Output Capacitor
For the LDO outputs the capacitor value depends on the needed load current. For a stable operation with rated maxi-
mum load currents a minimum output capacitor of 1µF is recommended. At light loads of 10mA or less a 0.1µF capac-
itor is sufficient. With larger output capacitance a reduced output noise, improved load-transient response, better
stability and power-supply rejection can be achieved.
Inductor Selection
For most applications the value of the external inductor should be in the range of 1.5µH to 4.7µH as the inductor value
has a direct effect on the ripple current. The selected inductor must be rated for its DC resistance and saturation cur-
rent. The inductor ripple current (
ΔIL) decreases with higher inductance and increases with higher VIN to VOUT.
In Equation (EQ 3) the maximum inductor current in PWM mode under static load conditions is calculated. The satura-
tion current of the inductor should be rated higher than the maximum inductor current as calculated with Equation (EQ
4). This is recommended because the inductor current will rise above the calculated value during heavy load tran-
sients.
The inductor current ripple
ΔIL (see EQ 3) is defined by the slope of the current (dI / dt) (see EQ 1) multiplied by the
PFET on-time tON (see EQ 2).
Figure 51. Ripple Current Diagram
Table 7. Recommended Capacitors for the LDO’s
Name
Part Number
C
Voltage
Type
Size
Manufacturer
CIN2, CLDO1,
CLDO2
C0402C104K4RAC
100nF
16V
X7R
0402
KEMET
www.kemet.com
GRM155R61A105KE15
1µF
10V
X5R
0402
Murata
www.murata.com
tON
ΔIL
IL
t
IOUTmax
ILmax
dI
dt
1 / f
(EQ 1)
dI
dt
-----
V
IN
V
OUT
–
L
----------------------------
=
(EQ 2)
t
ON
DutyCycle
1
f
---
×
DutyCycle
V
OUT
V
IN
-------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com