Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1363 Datasheet(PDF) 15 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 15 Page - ams AG

Back Button AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG AS1363 Datasheet HTML 13Page - ams AG AS1363 Datasheet HTML 14Page - ams AG AS1363 Datasheet HTML 15Page - ams AG AS1363 Datasheet HTML 16Page - ams AG AS1363 Datasheet HTML 17Page - ams AG AS1363 Datasheet HTML 18Page - ams AG AS1363 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.ams.com/LDO
Revision 1.9
15 - 19
AS1363
Datasheet - Application In form atio n
9.6.6 Turn On Time
This specification defines the time taken for the LDO to awake from shutdown. The time is measured from the release of the enable pin to the
time that the output voltage is within 5% of the final value. It assumes that the voltage at VIN is stable and within the regulator Min and Max limits.
Shutdown reduces the quiescent current to very low, mostly leakage values (<1µA).
9.6.7 Thermal Protection
To prevent operation under extreme fault conditions, such as a permanent short circuit at the output, thermal protection is built into the device.
Die temperature is measured, and when a 170ºC (AS1363) threshold is reached, the device enters shutdown. When the die cools sufficiently, the
device will restart (assuming input voltage exists and the device is enabled). Hysteresis of 20ºC prevents low frequency oscillation between start-
up and shutdown around the temperature threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com