Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1390B Datasheet(PDF) 15 Page - ams AG

Part # AS1390B
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390B Datasheet(HTML) 15 Page - ams AG

Back Button AS1390B Datasheet HTML 11Page - ams AG AS1390B Datasheet HTML 12Page - ams AG AS1390B Datasheet HTML 13Page - ams AG AS1390B Datasheet HTML 14Page - ams AG AS1390B Datasheet HTML 15Page - ams AG AS1390B Datasheet HTML 16Page - ams AG AS1390B Datasheet HTML 17Page - ams AG AS1390B Datasheet HTML 18Page - ams AG AS1390B Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
14 - 20
AS1390A, AS1390B
Datasheet - D e t a i l e d D e s c r i p t i o n
8.2 Buck Converter
The buck converter of the AS1390 is working with high-efficiency at a constant-frequency. The buck converter is optimized to supply a C and
with a fixed output voltage of 5V.
The buck converter is working as soon as the AS1390 is powered-up but offers an automatic power save mode. The highly efficient duty cycle
provides low dropout operation, which reduces the power consumption of the system.
8.3 Overvoltage Protection (OVP)
An overvoltage condition is detected when the feedback voltage is higher than the skip threshold (1.28V typ.). The device is than entering the
skip mode. Meaning the next pulse will be skipped and in the next cycle the overvoltage check is done again.
8.4 Overcurrent Protection (OCP)
An overcurrent comparator is monitoring the output current via the sense pin. If an overcurrent condition occurs the transistor will be switched off
immediately. After the overcurrent condition is removed the device is returning to normal operation again.
8.5 Overtemperature Protection (OTP)
As soon as the junction temperature reaches approximately 140°C the AS1390 goes in thermal shutdown. In this mode the internal transistors
are turned off. The device will power up again, as soon as the temperature falls below +110°C again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com