Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1374-BWLT Datasheet(PDF) 13 Page - ams AG

Part # AS1374-BWLT
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374-BWLT Datasheet(HTML) 13 Page - ams AG

Back Button AS1374-BWLT Datasheet HTML 9Page - ams AG AS1374-BWLT Datasheet HTML 10Page - ams AG AS1374-BWLT Datasheet HTML 11Page - ams AG AS1374-BWLT Datasheet HTML 12Page - ams AG AS1374-BWLT Datasheet HTML 13Page - ams AG AS1374-BWLT Datasheet HTML 14Page - ams AG AS1374-BWLT Datasheet HTML 15Page - ams AG AS1374-BWLT Datasheet HTML 16Page - ams AG AS1374-BWLT Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AS1374
Datasheet - Application In form atio n
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
12 - 18
Figure 28. Steady State Heat Flow Equivalent Circuit
Total Thermal Path Resistance:
R
JA = RJC + RCS + RSA
(EQ 6)
Junction Temperature (TJ ºC) is determined by:
TJ = (PD(MAX) x RJA) + TAMB ºC
(EQ 7)
9.5 Explanation of Steady State Specifications
9.5.1 Line Regulation
Line regulation is defined as the change in output voltage when the input (or line) voltage is changed by a known quantity. It is a measure of the
regulator’s ability to maintain a constant output voltage when the input voltage changes. Line regulation is a measure of the DC open loop gain
of the error amplifier. More generally:
Line Regulation =
and is a pure number
(EQ 8)
In practise, line regulation is referred to the regulator output voltage in terms of % / VOUT. This is particularly useful when the same regulator is
available with numerous output voltage trim options.
Line Regulation =
% / V
(EQ 9)
9.5.2 Load Regulation
Load regulation is defined as the change of the output voltage when the load current is changed by a known quantity. It is a measure of the
regulator’s ability to maintain a constant output voltage when the load changes. Load regulation is a measure of the DC closed loop output
resistance of the regulator. More generally:
Load Regulation =
and is units of ohms (
)(EQ 10)
In practise, load regulation is referred to the regulator output voltage in terms of % / mA. This is particularly useful when the same regulator is
available with numerous output voltage trim options.
Load Regulation =
% / mA
(EQ 11)
Junction
TJ°C
Package
TC°C
PCB/Heatsink
TS°C
Ambient
TA°C
Chip
Power
R
JC
R
CS
R
SA
V
OUT
V
IN
-----------------
V
OUT
V
IN
-----------------
100
V
OUT
-------------
V
OUT
I
OUT
-----------------
V
OUT
I
OUT
-----------------
100
V
OUT
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com