Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AY0438S Datasheet(PDF) 7 Page - Microchip Technology

Part # AY0438S
Description  32-Segment CMOS LCD Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AY0438S Datasheet(HTML) 7 Page - Microchip Technology

Back Button AY0438S Datasheet HTML 3Page - Microchip Technology AY0438S Datasheet HTML 4Page - Microchip Technology AY0438S Datasheet HTML 5Page - Microchip Technology AY0438S Datasheet HTML 6Page - Microchip Technology AY0438S Datasheet HTML 7Page - Microchip Technology AY0438S Datasheet HTML 8Page - Microchip Technology AY0438S Datasheet HTML 9Page - Microchip Technology AY0438S Datasheet HTML 10Page - Microchip Technology AY0438S Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 1995 Microchip Technology Inc.
DS70010I-page 7
AY0438
2.0
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
VDD.............................................................................................................................................................. -0.3V to +12V
Inputs (CLK, Data In, Load) ................................................................................................................. VCC to VDD +0.3V
LCD
Φ Input ........................................................................................................................................ -0.3V to VDD +0.3V
Power Dissipation.................................................................................................................................................250 mW
Storage Temperature............................................................................................................................... -65˚C to +125˚C
Operating Temperature Industrial.............................................................................................................. -40˚C to +85˚C
* Exceeding these ratings could cause permanent damage to the device. This is a stress rating only and functional
operation of this device at these conditions is not implied. Operating ranges are specified in Standard Conditions.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Data labeled “typical” is presented for design guidance only and is not guaranteed.
TABLE 2: DC CHARACTERISTICS
TABLE 3: AC CHARACTERISTICS
VDD = +5V unless otherwise noted, TA = 40
°C to +85°C
Characteristics
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
+3.0
—
+8.5
V
Supply Current
IDD
—25
60
µA
LCD
Φ OSC < 15 kHz
—13
30
µA
LCD
Φ OSC < 100 Hz
Input High Level
VIH
0.5 VDD
—VDD
V
Input Low Level
Clock
VIL1
0
—
0.1 VDD
V
3.0V
≤ VDD ≤ 8.5V
Data,
VIL2
0
—
0.1 VDD
V
3.0V
≤ VDD ≤ 8.5V
Input Leakage Current
Load
IL
—
0.01
±10
µAVIN = 0V and +5.0V
Input Capacitance
CI
—
—
5.0
pF
VDD = +5.0V
Segment Output Voltage
VOH
0.8 VDD
—VDD
VIOH = -100
µA
VOL
0
—
0.1 VDD
VIOL = 100
µA
LCD
Φ Input High Level
VIN
0.9 VDD
—VDD
V
LCD
Φ Input Low Level
VIL
0
—
0.1 VDD
V
LCD
Φ Input Leakage
IL
——
10
µAVIN = 0V and +5.0V
VDD = +5.0V
Characteristics
Sym
Min
Typ
Max
Units
Conditions
Clock Rate
f
DC
—
1.5
MHz
50% duty cycle
Data Set-up Time
tDS
150
—
—
nsec
Data change to Clk falling edge
Data Hold Time
tDH
50
—
—
nsec
Load Pulse Width
tPW
175
—
—
nsec
Data Out Prop. Delay
tPD
—
—
500
nsec
CL = 55 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com