Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP131X Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP131X
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131X Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP131X Datasheet HTML 8Page - Microchip Technology MCP131X Datasheet HTML 9Page - Microchip Technology MCP131X Datasheet HTML 10Page - Microchip Technology MCP131X Datasheet HTML 11Page - Microchip Technology MCP131X Datasheet HTML 12Page - Microchip Technology MCP131X Datasheet HTML 13Page - Microchip Technology MCP131X Datasheet HTML 14Page - Microchip Technology MCP131X Datasheet HTML 15Page - Microchip Technology MCP131X Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MCP131X/2X
DS21985B-page 12
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1316;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-7:
IDD vs. Temperature
(Watchdog Timer Active) (MCP1318M-4.6).
FIGURE 2-8:
IDD vs. Temperature
(Watchdog Timer Active) (MCP1319-2.9).
FIGURE 2-9:
IDD vs. Temperature
(Watchdog Timer Active) (MCP1316-2.0).
0
1
2
3
4
5
6
7
-100
-50
0
50
100
150
Temperature (°C)
4.8V
5.0V
5.5V
MCP1319 does not
have a Watchdog Timer
0
1
2
3
4
5
6
7
-100
-50
0
50
100
150
Temperature (°C)
2.2V
2.5V
4.0V
4.5V
5.0V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com