| Electronic Components Datasheet Search |
|
MCP131X Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP131X Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 44 page ![]() MCP131X/2X DS21985B-page 4 © 2007 Microchip Technology Inc. VDD Trip Point (Con’t) MCP13XX-34 VTRIP 3.349 3.40 3.451 V TA = +25°C (Note 1) (Note 6) 3.315 3.40 3.385 V TA = -40°C to +125°C (Note 2) MCP13XX-35 3.448 3.50 3.553 V TA = +25°C (Note 1) (Note 6) 3.413 3.50 3.588 V TA = -40°C to +125°C (Note 2) MCP13XX-36 3.546 3.60 3.654 V TA = +25°C (Note 1) (Note 6) 3.510 3.60 3.690 V TA = -40°C to +125°C (Note 2) MCP13XX-37 3.645 3.70 3.756 V TA = +25°C (Note 1) (Note 6) 3.608 3.70 3.793 V TA = -40°C to +125°C (Note 2) MCP13XX-38 3.743 3.80 3.857 V TA = +25°C (Note 1) (Note 6) 3.705 3.80 3.895 V TA = -40°C to +125°C (Note 2) MCP13XX-39 3.842 3.90 3.959 V TA = +25°C (Note 1) (Note 6) 3.803 3.90 3.998 V TA = -40°C to +125°C (Note 2) MCP13XX-40 3.940 4.00 4.060 V TA = +25°C (Note 1) (Note 6) 3.900 4.00 4.100 V TA = -40°C to +125°C (Note 2) MCP13XX-41 4.039 4.10 4.162 V TA = +25°C (Note 1) (Note 6) 3.998 4.10 4.203 V TA = -40°C to +125°C (Note 2) MCP13XX-42 4.137 4.20 4.263 V TA = +25°C (Note 1) (Note 6) 4.095 4.20 4.305 V TA = -40°C to +125°C (Note 2) MCP13XX-43 4.236 4.30 4.365 V TA = +25°C (Note 1) (Note 6) 4.193 4.30 4.408 V TA = -40°C to +125°C (Note 2) MCP13XX-44 4.334 4.40 4.466 V TA = +25°C (Note 1) (Note 6) 4.290 4.40 4.510 V TA = -40°C to +125°C (Note 2) MCP13XX-45 4.433 4.50 4.568 V TA = +25°C (Note 1) (Note 6) 4.388 4.50 4.613 V TA = -40°C to +125°C (Note 2) MCP13XX-46 4.531 4.60 4.669 V TA = +25°C (Note 1) 4.485 4.60 4.715 V TA = -40°C to +125°C (Note 2) MCP13XX-47 4.630 4.70 4.771 V TA = +25°C (Note 1) (Note 6) 4.583 4.70 4.818 V TA = -40°C to +125°C (Note 2) VDD Trip Point Tempco TTPCO — ±40 — ppm/°C DC CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1320, MCP1321, and MCP1322), TA = -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Note 1: Trip point is ±1.5% from typical value. 2: Trip point is ±2.5% from typical value. 3: Hysterysis is minimum = 1%, maximum = 6% at +25°C. 4: This specification allows this device to be used in PIC® microcontroller applications that require the In-Cir- cuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for voltage requirements). The total time that the RST pin can be above the maximum device operational voltage (5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the device oper- ational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional information, refer to Figure 2-35. 5: This parameter is established by characterization and is not 100% tested. 6: Custom ordered voltage trip point; minimum order volume requirement. Information available upon request. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |