Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1612 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1612
Description  Single 1A, 1.4 MHz Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1612 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1612 Datasheet HTML 1Page - Microchip Technology MCP1612 Datasheet HTML 2Page - Microchip Technology MCP1612 Datasheet HTML 3Page - Microchip Technology MCP1612 Datasheet HTML 4Page - Microchip Technology MCP1612 Datasheet HTML 5Page - Microchip Technology MCP1612 Datasheet HTML 6Page - Microchip Technology MCP1612 Datasheet HTML 7Page - Microchip Technology MCP1612 Datasheet HTML 8Page - Microchip Technology MCP1612 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MCP1612
DS21921B-page 4
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN – AGND .......................................................................6.0V
(SHDN, FB, VCC, Comp ........... (AGND – 0.3V) to (VIN + 0.3V)
LX to PGND.............................................. -0.3V to (VIN + 0.3V)
PGND to AGND...................................................-0.3V to +0.3V
Output Short Circuit Current ................................. Continuous
Storage temperature .....................................-65°C to +150°C
Ambient Temp. with Power Applied.................-40°C to +85°C
Operating Junction Temperature...................-40°C to +125°C
ESD protection on all pins (HBM)
....................................... 4kV
ESD protection on all pins (MM)
......................................... 300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VCC = VSHDN = 3.3V, VOUT = 1.8V, CIN = COUT = 10 µF, L = 3.3 µH,
ILOAD = 100 mA, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Voltage
Input Operating Voltage
VIN
2.7
—
5.5
V
Input Shutdown Current
I(VIN)
—
0.01
1
µA
Shutdown mode (SHDN = GND)
Input Quiescent Current
I(VIN)—
5
7
mA
ILOAD = 0 mA
Oscillator Characteristics
Internal Oscillator Frequency
FOSC
1.2
1.4
1.6
MHz
Internal Power Swicthes
RDSon P-Channel
RDSon-P
—
300
—
m
Ω
IP = 250 mA
RDSon N-Channel
RDSon-N
—
300
—
m
Ω
IN = 250 mA
LX Pin Leakage Current
ILX
-1
—
1
µA
SHDN = 0V, VIN = 5.5V, LX = 0V,
LX = 5.5V
Positive Current Limit Threshold
+ILX(MAX)
—2.3
—
A
Negative Current Limit Threshold
-ILX(MAX)
—-1.4
—
A
Feedback Characteristics
Transconductance from FB to
COMP
gm
35
62
90
µA/V
Output Voltage
Output Voltage Range
VOUT
0.8
—
VIN
V
Reference Feedback Voltage
VFB
0.78
0.8
0.82
V
Feedback Input Bias Current
IVFB
—1
—
nA
Line Regulation
VLINE-REG
—
0.15
0.5
%/V
VIN = 2.7V to 5.5V, ILOAD = 100 mA
Load Regulation
VLOAD-REG
—0.25
—
%
VIN = 4.2V, ILOAD = 100 mA to 1A
Note
1:
The integrated MOSFET switches have an integral diode from the LX pin to VIN and from LX to PGND. In cases where
these diodes are forward-biased, the package power dissipation limits must be adhered to. Thermal protection is not
able to regulate the junction temperature for these cases.
2:
UVLO is specified for a falling VIN. Once the UVLO is activated, the UVLO-HYS must be overcome before the device will
return to operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com