Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99NDB2V2 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # IO99NDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99NDB2V2 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button IO99NDB2V2 Datasheet HTML 60Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 61Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 62Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 63Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 64Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 65Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 66Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 67Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-48
Revision 13
Table 2-58 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.70
5.11
0.05
0.91
0.50
5.21
4.33
2.38
2.21
7.22
6.34
ns
–1
0.60
4.35
0.04
0.78
0.43
4.43
3.68
2.02
1.88
6.14
5.40
ns
6 mA
Std.
0.70
4.30
0.05
0.91
0.50
4.38
3.75
2.68
2.74
6.39
5.76
ns
–1
0.60
3.66
0.04
0.78
0.43
3.73
3.19
2.28
2.33
5.44
4.90
ns
8 mA
Std.
0.70
4.30
0.05
0.91
0.50
4.38
3.75
2.68
2.74
6.39
5.76
ns
–1
0.60
3.66
0.04
0.78
0.43
3.73
3.19
2.28
2.33
5.44
4.90
ns
12 mA
Std.
0.70
3.68
0.05
0.91
0.50
3.75
3.32
2.89
3.07
5.76
5.33
ns
–1
0.60
3.13
0.04
0.78
0.43
3.19
2.82
2.45
2.62
4.90
4.53
ns
16 mA
Std.
0.70
3.50
0.05
0.91
0.50
3.56
3.21
2.93
3.16
5.57
5.23
ns
–1
0.60
2.97
0.04
0.78
0.43
3.03
2.73
2.49
2.69
4.74
4.45
ns
24 mA
Std.
0.70
3.39
0.05
0.91
0.50
3.45
3.25
2.99
3.50
5.47
5.26
ns
–1
0.60
2.88
0.04
0.78
0.43
2.94
2.76
2.54
2.97
4.65
4.48
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-59 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.70
2.90
0.05
0.91
0.50
2.96
2.28
2.38
2.35
4.97
4.29
ns
–1
0.60
2.47
0.04
0.78
0.43
2.52
1.94
2.03
2.00
4.23
3.65
ns
6 mA
Std.
0.70
2.41
0.05
0.91
0.50
2.46
1.84
2.69
2.88
4.47
3.85
ns
–1
0.60
2.05
0.04
0.78
0.43
2.09
1.57
2.29
2.45
3.80
3.28
ns
8 mA
Std.
0.70
2.41
0.05
0.91
0.50
2.46
1.84
2.69
2.88
4.47
3.85
ns
–1
0.60
2.05
0.04
0.78
0.43
2.09
1.57
2.29
2.45
3.80
3.28
ns
12 mA
Std.
0.70
2.16
0.05
0.91
0.50
2.20
1.63
2.89
3.22
4.21
3.64
ns
–-1
0.60
1.83
0.04
0.78
0.43
1.87
1.39
2.46
2.74
3.58
3.10
ns
16 mA
Std.
0.70
2.11
0.05
0.91
0.50
2.15
1.59
2.94
3.31
4.17
3.61
ns
–-1
0.60
1.80
0.04
0.78
0.43
1.83
1.36
2.50
2.82
3.54
3.07
ns
24 mA
Std.
0.70
2.14
0.05
0.91
0.50
2.17
1.55
2.99
3.65
4.19
3.56
ns
–1
0.60
1.82
0.04
0.78
0.43
1.85
1.32
2.54
3.11
3.56
3.03
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com