Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99NDB2V2 Datasheet(PDF) 104 Page - Microsemi Corporation

Part # IO99NDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99NDB2V2 Datasheet(HTML) 104 Page - Microsemi Corporation

Back Button IO99NDB2V2 Datasheet HTML 100Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 101Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 102Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 103Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 104Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 105Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 106Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 107Page - Microsemi Corporation IO99NDB2V2 Datasheet HTML 108Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-88
Revision 13
2.5 V GTL+
Gunning Transceiver Logic Plus is a high-speed bus standard (JESD8-3). It provides a differential
amplifier input buffer and an open-drain output buffer. The VCCI pin should be connected to 2.5 V.
Table 2-146 • Minimum and Maximum DC Input and Output Levels
2.5 V GTL+
VIL
VIH
VOL
VOH
IOL IOH
IOSL
IOSH
IIL IIH
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA1
Max.
mA1
µA2 µA2
33 mA
–0.3
VREF – 0.1 VREF + 0.1
2.7
0.6
–
33 33
169
124
10
10
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 85°C junction temperature.
Figure 2-16 • AC Loading
Table 2-147 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring
Point* (V)
VREF (typ.) (V)
VTT (typ.) (V)
CLOAD (pF)
VREF – 0.1
VREF + 0.1
1.0
1.0
1.5
10
Note: *Measuring point = Vtrip. See Table 2-16 on page 2-12 for a complete table of trip points.
Test Point
10 pF
25
GTL+
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com