Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO91PDB2V1 Datasheet(PDF) 26 Page - Microsemi Corporation

Part # IO91PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO91PDB2V1 Datasheet(HTML) 26 Page - Microsemi Corporation

Back Button IO91PDB2V1 Datasheet HTML 22Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 23Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 24Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 25Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 26Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 27Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 28Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 29Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 30Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-10
Revision 13
Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings1
Applicable to Advanced I/O Banks
VCCI (V)
Static Power
PDC6 (mW)2
Dynamic Power
PAC10 (µW/MHz)3
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
3.3
–
16.22
2.5 V LVCMOS
2.5
–
4.65
1.8 V LVCMOS
1.8
–
1.65
1.5 V LVCMOS (JESD8-11)
1.5
–
0.98
1.2 V LVCMOS
1.2
–
0.61
3.3 V PCI
3.3
–
17.64
3.3 V PCI-X
3.3
–
17.64
Differential
LVDS
2.5
2.26
0.95
LVPECL
3.3
5.72
1.63
Notes:
1. Dynamic power consumption is given for standard load and software default drive strength and output slew.
2. PDC6 is the static power (where applicable) measured on VCCI.
3. PAC10 is the total dynamic power measured on VCCI.
Table 2-14 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings
Applicable to Standard Plus I/O Banks
VCCI (V)
Static Power
PDC6 (mW)1
Dynamic Power
PAC9 (µW/MHz)2
Single-Ended
3.3 V LVTTL /
3.3 V LVCMOS
3.3
–
16.23
2.5 V LVCMOS
2.5
–
4.66
1.8 V LVCMOS
1.8
–
1.64
1.5 V LVCMOS (JESD8-11)
1.5
–
0.99
1.2 V LVCMOS
1.2
–
0.58
3.3 V PCI
3.3
–
17.64
3.3 V PCI-X
3.3
–
17.64
Notes:
1. PDC6 is the static power (where applicable) measured on VCCI.
2. PAC9 is the total dynamic power measured on VCCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com