| Electronic Components Datasheet Search |
|
EP2C20 Datasheet(PDF) 39 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C20 Datasheet(HTML) 39 Page - Altera Corporation |
|
39 / 168 page ![]() Altera Corporation 2–27 February 2007 Cyclone II Device Handbook, Volume 1 Cyclone II Architecture Figure 2–16 shows a block diagram of the Cyclone II PLL. Figure 2–16. Cyclone II PLL Note (1) Notes to Figure 2–16: (1) This input can be single-ended or differential. If you are using a differential I/O standard, then two CLK pins are used. LVDS input is supported via the secondary function of the dedicated CLK pins. For example, the CLK0 pin’s secondary function is LVDSCLK1p and the CLK1 pin’s secondary function is LVDSCLK1n. If a differential I/O standard is assigned to the PLL clock input pin, the corresponding CLK(n) pin is also completely used. The Figure 2–16 shows the possible clock input connections (CLK0/CLK1) to PLL1. (2) This counter output is shared between a dedicated external clock output I/O and the global clock network. f For more information on Cyclone II PLLs, see the PLLs in the Cyclone II Devices chapter in Volume 1 of the Cyclone II Device Handbook. Embedded Memory The Cyclone II embedded memory consists of columns of M4K memory blocks. The M4K memory blocks include input registers that synchronize writes and output registers to pipeline designs and improve system performance. The output registers can be bypassed, but input registers cannot. PFD Loop Filter Lock Detect & Filter VCO Charge Pump ÷c0 ÷c1 ÷c2 ÷m ÷n Global Clock Global Clock Global Clock To I/O or general routing PLL<#>_OUT Post-Scale Counters VCO Phase Selection Selectable at Each PLL Output Port CLK1 CLK3 CLK2 (1) CLK0 (1) inclk0 inclk1 up down 8 8 8 fVCO fFB fIN Reference Input Clock fREF = fIN /n (2) Manual Clock Switchover Select Signal ÷k (3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |