Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2515T-ISO Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP2515T-ISO
Description  Stand-Alone CAN Controller With SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515T-ISO Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP2515T-ISO Datasheet HTML 63Page - Microchip Technology MCP2515T-ISO Datasheet HTML 64Page - Microchip Technology MCP2515T-ISO Datasheet HTML 65Page - Microchip Technology MCP2515T-ISO Datasheet HTML 66Page - Microchip Technology MCP2515T-ISO Datasheet HTML 67Page - Microchip Technology MCP2515T-ISO Datasheet HTML 68Page - Microchip Technology MCP2515T-ISO Datasheet HTML 69Page - Microchip Technology MCP2515T-ISO Datasheet HTML 70Page - Microchip Technology MCP2515T-ISO Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
© 2007 Microchip Technology Inc.
DS21801E-page 67
MCP2515
FIGURE 12-8:
READ STATUS INSTRUCTION
FIGURE 12-9:
RX STATUS INSTRUCTION
SO
SI
SCK
CS
0
23456789
10 11
12 13 14 15 16 17 18 19 20 21 22
1
00
0
0
1
0
10
765
4
3210
instruction
data out
high-impedance
23
don’t care
CANINTF.RX0IF
CANINTFL.RX1IF
CANINTF.TX0IF
CANINTF.TX1IF
CANINTF.TX2IF
TXB2CNTRL.TXREQ
TXB1CNTRL.TXREQ
TXB0CNTRL.TXREQ
76543210
data out
repeat
SO
SI
SCK
CS
0
23456789
10 11
12 13 14 15 16 17 18 19 20 21 22
1
00
0
1
1
0
10
76
543210
instruction
data out
high-impedance
23
don’t care
76543210
data out
repeat
2
1 0
Filter Match
00
0
RXF0
00
1
RXF1
01
0
RXF2
01
1
RXF3
10
0
RXF4
10
1
RXF5
11
0
RXF0 (rollover to RXB1)
11
1
RXF1 (rollover to RXB1)
CANINTF.RXnIF bits are mapped to
bits 7 and 6.
7
6
Received Message
00
No RX message
01
Message in RXB0
10
Message in RXB1
11
Messages in both buffers*
The extended ID bit is mapped to
bit 4. The RTR bit is mapped to
bit 3.
4
3
Msg Type Received
00
Standard data frame
01
Standard remote frame
10
Extended data frame
11
Extended remote frame
* Buffer 0 has higher priority, therefore, RXB0 status is
reflected in bits 4:0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com