Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6041 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6041
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6041 Datasheet HTML 11Page - Microchip Technology MCP6041 Datasheet HTML 12Page - Microchip Technology MCP6041 Datasheet HTML 13Page - Microchip Technology MCP6041 Datasheet HTML 14Page - Microchip Technology MCP6041 Datasheet HTML 15Page - Microchip Technology MCP6041 Datasheet HTML 16Page - Microchip Technology MCP6041 Datasheet HTML 17Page - Microchip Technology MCP6041 Datasheet HTML 18Page - Microchip Technology MCP6041 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 15
MCP6041/2/3/4
4.9
Application Circuits
4.9.1
BATTERY CURRENT SENSING
The MCP6041/2/3/4 op amps’ Common Mode Input
Range, which goes 0.3V beyond both supply rails,
supports their use in high side and low side battery
current sensing applications. The very low quiescent
current (0.6 µA, typical) help prolong battery life, and
the rail-to-rail output supports detection low currents.
Figure 4-7 shows a high side battery current sensor
circuit. The 10
Ω resistor is sized to minimize power
losses. The battery current (IDD) through the 10Ω
resistor causes its top terminal to be more negative
than the bottom terminal. This keeps the common
mode input voltage of the op amp below VDD, which is
within its allowed range. The output of the op amp will
also be below VDD, which is within its Maximum Output
Voltage Swing specification.
.
FIGURE 4-7:
High Side Battery Current
Sensor.
4.9.2
INSTRUMENTATION AMPLIFIER
The MCP6041/2/3/4 op amp is well suited for
conditioning
sensor
signals
in
battery-powered
applications. Figure 4-8 shows a two op amp instru-
mentation amplifier, using the MCP6042, that works
well for applications requiring rejection of common
mode noise at higher gains. The reference voltage
(VREF) is supplied by a low impedance source. In single
supply applications, VREF is typically VDD/2.
.
FIGURE 4-8:
Two Op Amp
Instrumentation Amplifier.
VDD
IDD
MCP604X
100 k
Ω
1M
Ω
1.4V
VOUT
10
Ω
to
6.0V
I
DD
V
DD
V
OUT
–
10 V/V
() 10
Ω
()
⋅
------------------------------------------
=
V
OUT
V
1
V
2
–
() 1
R
1
R
2
------
2R
1
R
G
---------
++
⎝⎠
⎛⎞
V
REF
+
=
VREF R1
R2
R2
R1
VOUT
RG
V2
V1
½
MCP6042
½
MCP6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com