Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9509HT-E Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9509HT-E
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9509HT-E Datasheet(HTML) 4 Page - Microchip Technology

  MCP9509HT-E Datasheet HTML 1Page - Microchip Technology MCP9509HT-E Datasheet HTML 2Page - Microchip Technology MCP9509HT-E Datasheet HTML 3Page - Microchip Technology MCP9509HT-E Datasheet HTML 4Page - Microchip Technology MCP9509HT-E Datasheet HTML 5Page - Microchip Technology MCP9509HT-E Datasheet HTML 6Page - Microchip Technology MCP9509HT-E Datasheet HTML 7Page - Microchip Technology MCP9509HT-E Datasheet HTML 8Page - Microchip Technology MCP9509HT-E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MCP9509/10
DS22114A-page 4
© 2008 Microchip Technology Inc.
Outputs (OUT, OUT)
Output Voltage High, MCP9510
VOH
VDD - 0.55
—
VDD
VIOUT = 5 mA
OUTSET = VDD or GND
Output Voltage Low, MCP9510
VOL
GND
—
0.3
V
Output Voltage Low, MCP9509
VOL
GND
—
0.3
V
IOUT = 5 mA
Internal Output Pull-up (MCP9510)
ROUT
60
100
140
k
Ω OUTSET Unconnected
Open-Drain Output Leakage
ILeak
—
1
—
µA
MCP9509/10
Power Supply Rejection
PSR
—
0.05
—
°C/V
Thermal Response
SOT23-5, SOT23-6
tRES
—
1.7
—
s
Time to 63% (88°C).
+25°C (Air) to +125°C
(oil bath)
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, T
A = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Note 1: This specification is tested at mid supply of 4.1V for optimum operation across the supply voltage range of
2.7V to 5.5V.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, T
A = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
(Note 1)
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT23
θ
JA
—
220.7
—
°C/
Ω
Thermal Resistance, 6L-SOT23
θ
JA
—
190.5
—
°C/
Ω
Note 1: Operation in this range must not cause T
J to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com