Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP97001 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP97001
Description  Low-Power Linear Active Thermistor ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP97001 Datasheet(HTML) 2 Page - Microchip Technology

  MCP97001 Datasheet HTML 1Page - Microchip Technology MCP97001 Datasheet HTML 2Page - Microchip Technology MCP97001 Datasheet HTML 3Page - Microchip Technology MCP97001 Datasheet HTML 4Page - Microchip Technology MCP97001 Datasheet HTML 5Page - Microchip Technology MCP97001 Datasheet HTML 6Page - Microchip Technology MCP97001 Datasheet HTML 7Page - Microchip Technology MCP97001 Datasheet HTML 8Page - Microchip Technology MCP97001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MCP9700/01
DS21942B-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD:...................................................................... 6.0V
Storage temperature: ........................ -65°C to +150°C
Ambient Temp. with Power Applied:.. -40°C to +125°C
Junction Temperature (TJ):................................. 150°C
ESD Protection On All Pins (HBM:MM):.... (4 kV:200V)
Latch-Up Current at Each Pin: ...................... ±200 mA
†Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated:
MCP9700: VDD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125°C and No load.
MCP9701: VDD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125°C and No load.
Parameter
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
VDD
2.3
3.1
—
—
5.5
5.5
V
V
MCP9700
MCP9701
Operating Current
IDD
—
6
12
µA
Power Supply Rejection Ratio
PSRR
—
0.1
—
°C/V
Sensor Accuracy (Notes 1, 2)
TA = +25°C
TA = 0°C to +70°C
TA = -40°C to +125°C
TA = -10°C to +125°C
TACY
TACY
TACY
TACY
—
-4.0
-4.0
-4.0
±1
—
—
—
—
+4.0
+6.0
+6.0
°C
°C
°C
°C
MCP9700
MCP9701
Sensor Output
Output Voltage:
TA = 0°C
TA = 0°C
V0°C
V0°C
—
—
500
400
—
—
mV
mV
MCP9700
MCP9701
Temperature Coefficient
TC1
TC1
—
—
10.0
19.5
—
—
mV/°C
mV/°C
MCP9700
MCP9701
Output Non-linearity
VONL
—±0.5
—
°C
TA = 0°C to +70°C (Note 2)
Output Current
IOUT
——
100
µA
Output Impedance
ZOUT
—20
—
Ω
IOUT = 100 µA, f = 500 Hz
Output Load Regulation
ΔV
OUT/
ΔI
OUT
—1
—
Ω
TA = 0°C to +70°C,
IOUT = 100 µA
Turn-on Time
tON
—800
—
µs
Typical Load Capacitance (Note 3)CLOAD
—
—
1000
pF
Thermal Response to 63%
tRES
—
1.3
—
s
30°C (Air) to +125°C
(Fluid Bath) (Note 4)
Note 1:
The MCP9700 accuracy is tested with VDD = 3.3V, while the MCP9701 accuracy is tested with VDD = 5.0V.
2:
The MCP9700/01 is characterized using the first-order or linear equation, as shown in Equation 4-2.
3:
The MCP9700/01 family is characterized and production-tested with a capacitive load of 1000 pF.
4:
Thermal response with 1x1 inch, dual-sided copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com