Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F62X Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F62X
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F62X Datasheet HTML 3Page - Microchip Technology PIC16F62X Datasheet HTML 4Page - Microchip Technology PIC16F62X Datasheet HTML 5Page - Microchip Technology PIC16F62X Datasheet HTML 6Page - Microchip Technology PIC16F62X Datasheet HTML 7Page - Microchip Technology PIC16F62X Datasheet HTML 8Page - Microchip Technology PIC16F62X Datasheet HTML 9Page - Microchip Technology PIC16F62X Datasheet HTML 10Page - Microchip Technology PIC16F62X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
 2000 Microchip Technology Inc.
DS30605C-page 7
PIC16C63A/65B/73B/74B
2.0
PIC16C63A/65B/73B/74B
DEVICE VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in the PIC16C63A/65B/73B/74B
Product Identification System section at the end of this
data sheet. When placing orders, please use that page
of the data sheet to specify the correct part number.
For the PIC16C7X family, there are two device “types”
as indicated in the device number:
1.
C, as in PIC16C74. These devices have
EPROM type memory and operate over the
standard voltage range.
2.
LC, as in PIC16LC74. These devices have
EPROM type memory and operate over an
extended voltage range.
2.1
UV Erasable Devices
The UV erasable version, offered in windowed CERDIP
packages, is optimal for prototype development and
pilot programs. This version can be erased and
reprogrammed to any of the oscillator modes.
Microchip's PICSTARTPlus and PRO MATEII
programmers
both
support
programming
of
the
PIC16C63A/65B/73B/74B.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates and small volume applications.
The OTP devices, packaged in plastic packages, per-
mit the user to program them once. In addition to the
program memory, the configuration bits must also be
programmed.
2.3
Quick-Turnaround-Production
(QTP) Devices
Microchip offers a QTP Programming Service for fac-
tory production orders. This service is made available
for users who choose not to program a medium to high
quantity of units and whose code patterns have stabi-
lized. The devices are identical to the OTP devices but
with all EPROM locations and configuration options
already programmed by the factory. Certain code and
prototype verification procedures apply before produc-
tion shipments are available. Please contact your local
Microchip Technology sales office for more details.
2.4
Serialized Quick-Turnaround
Production (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are pro-
grammed with different serial numbers. The serial num-
bers may be random, pseudo-random or sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com